Electronic Components Datasheet Search
  English  ▼

X  

08520112 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 08520112
Description  Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08520112 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  08520112 Datasheet HTML 1Page - Molex Electronics Ltd. 08520112 Datasheet HTML 2Page - Molex Electronics Ltd. 08520112 Datasheet HTML 3Page - Molex Electronics Ltd. 08520112 Datasheet HTML 4Page - Molex Electronics Ltd. 08520112 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
KK Trifurcon Crimp Terminal 6838,
20-18 AWG, Reel, Phosphor Bronze
Tin(Sn)
08520112
KK Trifurcon Crimp Terminal 6838,
20-18 AWG, Bag, Phosphor Bronze
Tin (Sn)
08520113
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Phosphor Bronze,
5.0µm Tin (Sn)
08520811
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Phosphor Bronze, 5.0µm
Tin (Sn)
08520812
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Brass, 0.38µm Selective
Gold (Au)
08550103
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Brass, 0.38µm Selective
Gold (Au)
08550104
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Brass, 0.76µm Gold (Au)
08550133
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Brass, 0.76µm Gold (Au)
08550134
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Brass, 0.51µm Selective
Gold (Au)
08560105
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Brass, 0.51µm Selective
Gold (Au)
08560106
KK Crimp Terminal, Series 2477,
Humpback, with Overall Gold (Au)
Plated Brass Contact, 24-18 AWG,
Reel
08560113
KK Crimp Terminal, Series 2477,
Humpback, with Overall Gold (Au)
Plated Brass Contact, 24-18 AWG,
Loose
08560114
KK Trifurcon Crimp Terminal 6438,
20-18 AWG, Reel, Phosphor Bronze
Selective Gold (Au)
08580110
KK Trifurcon Crimp Terminal 6438,
20-18 AWG, Bag, Phosphor Bronze
Selective Gold (Au)
08580111



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com