Electronic Components Datasheet Search
  English  ▼

X  

DIVIDE-BY Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # DIVIDE-BY
Description  ELECTRONIC MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

DIVIDE-BY Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  DIVIDE-BY Datasheet HTML 1Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 2Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 3Page - Sensata Technologies, Inc. DIVIDE-BY Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Page 2
MECHANICAL
Package dimensions are
114.4 mm high by 99 mm
wide by 22.5 mm thick. The
package mounts to a DIN
rail type EN 50 022 (35mm
X 7.5mm). A length of DIN
rail is supplied with each
module. The module simply
snaps directly to the DIN rail
and is ready to use.
CONNECTION INSTRUCTIONS #1
Differential Line Driver
Encoder signals from 5 VDC to 24 VDC (must specify the voltage when ordering)
This is the preferred type of encoder output as it has the best noise immunity. Connect
each encoder signal to its like optical isolator input (A to A, A/ to A/, etc).
Figure 1
Standard Connection
with Differential Line Driver



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com