Electronic Components Datasheet Search
  English  ▼

X  

08520071 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 08520071
Description  Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 24-18 AWG
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

08520071 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  08520071 Datasheet HTML 1Page - Molex Electronics Ltd. 08520071 Datasheet HTML 2Page - Molex Electronics Ltd. 08520071 Datasheet HTML 3Page - Molex Electronics Ltd. 08520071 Datasheet HTML 4Page - Molex Electronics Ltd. 08520071 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Physical
Net Weight
576.034/g
Applicable Parts
Description
Part Number
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Brass Tin (Sn)
08500105
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Brass Tin (Sn)
08500106
KK Crimp Terminal, Series 2477,
Humpback, with Tin (Sn) Plated
Brass Contact, 24-18 AWG, Reel
08500109
KK Crimp Terminal, Series 2477,
Humpback, with Tin (Sn) Plated
Brass Contact, 24-18 AWG, Loose
08500110
3.96mm Pitch KK Crimp Terminal
2878, 20-18 AWG, Reel, Brass, Tin
(Sn), Bifurcated
08500115
3.96mm Pitch KK Crimp Terminal
2878, 20-18 AWG, Bag, Brass, Tin
(Sn), Bifurcated
08500116
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Brass, 3.8µm Tin (Sn)
08500119
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Brass, 3.8µm Tin (Sn)
08500120
KK Trifurcon Crimp Terminal 6838,
20-18 AWG, Reel, Brass Tin (Sn)
08500187
KK Trifurcon Crimp Terminal 6838,
20-18 AWG, Bag, Brass Tin (Sn)
08500189
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Phosphor Bronze,
3.87µm Tin (Sn)
08500281
KK 396 Crimp Terminal 2478, 24-18
AWG, Reel, Phosphor Bronze, Tin
(Sn)
08520071
KK 396 Crimp Terminal 2478, 24-18
AWG, Bag, Phosphor Bronze, Tin
(Sn)
08520072



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com