Electronic Components Datasheet Search
  English  ▼

X  

CTC Datasheet(PDF) 1 Page - ITT Industries

Part # CTC
Description  Brand: Cannon Product Category: Trident Product Line: Trident
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CTC Datasheet(HTML) 1 Page - ITT Industries

  CTC Datasheet HTML 1Page - ITT Industries CTC Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet for part number CTC 16 WAY PLUG BLACK
Our Descriptive Part Number: CTC 16 WAY PLUG BLACK
Our Global Manufacturing Part Number: 132015-0073
Brand: Cannon Product Category: Trident Product Line: Trident Series: CTC
Product Datasheet
SERIES
CTC
IMAGE
STYLE
Plug
COLOR
black
NUMBER OF CONTACTS
16
CURRENT RATING
Up to 13A, up to 16A with high conductivity contacts
OPERATION VOLTAGE
Up to 250V ac rms
WIRE RANGE
Contacts will accept wire ranges of 24-16 AWG (0.20
to 1.50 mm²)
OPERATING TEMPERATURE
-55°C to +105°C (-67°F to +221°F)
DURABILITY
200 cycles (T2P) and up to 500 cycles (T3P)
SINGLE CONTACT RETENTION FORCE
> 67N
SINGLE CONTACT INSERTING FORCE
< 50N
CONNECTOR MATING & WITHDRAWAL FORCE
<180N
LATCH RETENTION FORCE
>150N
ENVIRONMENTAL SEALING
Up to IP69K with end caps
FLAMMABILITY
UL 94 V-0
DIELECTRIC VOLTAGE
1550 V ac for 60 seconds
THERMAL SHOCK
-55°C to +125°C (-67°F to +257°F), 5 cycles
PHYSICAL SHOCK
50g s peak, 3 axes, 11millisecond duration half-sine
pulse, no loss of continuity >1µsec
FLUID RESISTANCE
Connectors show no damage when exposed to most
fluids used in industrial applications
VIBRATION
10g’s peak, 10-500 Hz, 9 hours, no loss of continuity
>1µsec
SALT SPRAY
48 hours
TEMPERATURE ENDURANCE
1000 hours at 125°C (+257°F); Insulation resistance >
100MΩ
HUMIDITY
Steady state RH 90-95%, 40°C (+104°F), 504 hours;
Insulation resistance > 100MΩ
SUBMERSION
In mated condition, properly wired, placed in a depth
of water of 1 meter for 30 minutes without loss of
electrical performance
TEST REPORT
Available upon request
MOISTURE RESISTANCE
10 Cycles; Insulation resistance > 100MΩ
HOUSING / END CAP MATERIAL
Thermoplastic
SEAL GASKET MATERIAL
Silicone rubber
INTERFACE GASKET MATERIAL
Silicone rubber
CONTACTS
Brass or copper alloy & stainless steel. Tin, gold, silver
plated
Specifications and dimensions subject to change.
Page 1 of 2


Similar Part No. - CTC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
Comus International
CTC012 COMUS-CTC012 Datasheet
96Kb / 1P
Proximity Switch - Reed Switch based - Rectangular - Normally Open Contacts
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-100J CT-CTC0F-100J Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC0F-100K CT-CTC0F-100K Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
More results

Similar Description - CTC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
031-8717-021 ITT-031-8717-021 Datasheet
5Mb / 96P
Cannon Trident Series
DAM11W1S ITT-DAM11W1S Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBU-25P-K87-F0 ITT-DBU-25P-K87-F0 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*U
121586-5236 ITT-121586-5236 Datasheet
5Mb / 96P
Cannon Trident Series
192993-0106 ITT-192993-0106 Datasheet
5Mb / 96P
Cannon Trident Series
logo
List of Unclassifed Man...
DAM11W1P ETC2-DAM11W1P Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DBMC-13X3SJ-K126 ETC2-DBMC-13X3SJ-K126 Datasheet
35Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DCMM8W8PK87 ETC2-DCMM8W8PK87 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
CANNON TRIDENT SERIES
192990-2490 ITT-192990-2490 Datasheet
5Mb / 96P
Cannon Trident Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com