Electronic Components Datasheet Search
  English  ▼

X  

54ACT86 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54ACT86
Description  AdvancedCMOSTTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT86 Datasheet(HTML) 1 Page - Silicon Supplies

  54ACT86 Datasheet HTML 1Page - Silicon Supplies 54ACT86 Datasheet HTML 2Page - Silicon Supplies 54ACT86 Datasheet HTML 3Page - Silicon Supplies 54ACT86 Datasheet HTML 4Page - Silicon Supplies 54ACT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 1.0
06/02/20
Quadruple 2-Input Exclusive OR Gate IC in bare die form
Advanced CMOS TTL Input – 54ACT86
Description
Features:
The 54ACT86 exclusive OR gate (XOR) is fabricated
using a 1.5µm advanced CMOS process which
combines the high speed performance of LSTTL with
CMOS low power consumption. This device contains
four independent gates and performs the Boolean
functions Y = A ⊕ B or Y = AB + AB. The device is
characterized over the full military temperature range.
Device inputs directly accept LSTTL or CMOS. All
inputs are protected against ESD and excess voltage
transients.
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 54LS86
Lower power alternative to bipolar logic
Full Military Temperature Range
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
1300 (51)
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
1300 x 1300
51 x 51`
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Assembled into Ceramic Package – On request
Die Thickness <> 350µm(14 Mils) – On request
Unsawn Wafer – On request
Sawn Wafer on Tape – On request
Page 1 of 5
www.siliconsupplies.com
Replaced by 54ACT86 REV 2


Similar Part No. - 54ACT86

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
464Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 06/02/20
54ACT86 SS-54ACT86 Datasheet
355Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 14/05/25
54ACT86 SS-54ACT86 Datasheet
395Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 14/05/25
54ACT86 SS-54ACT86_V01 Datasheet
464Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 06/02/20
More results

Similar Description - 54ACT86

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2503 NJRC-NJM2503 Datasheet
164Kb / 4P
3-INPUT/2-INPUT VIDEO SWITCH
NJM2506 NJRC-NJM2506 Datasheet
342Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
NJM2508 NJRC-NJM2508 Datasheet
338Kb / 10P
3-INPUT/2-INPUT VIDEO SWITCH?
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
SFME120-461 INTERPOINT-SFME120-461 Datasheet
66Kb / 5P
EMI INPUT FILTER 120 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK Datasheet
90Kb / 6P
TTL level input (control input)
12-Sep-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com