Electronic Components Datasheet Search
  English  ▼

X  

54ACT86 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ACT86
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT86 Datasheet(HTML) 2 Page - Silicon Supplies

  54ACT86 Datasheet HTML 1Page - Silicon Supplies 54ACT86 Datasheet HTML 2Page - Silicon Supplies 54ACT86 Datasheet HTML 3Page - Silicon Supplies 54ACT86 Datasheet HTML 4Page - Silicon Supplies 54ACT86 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
d
Advanced CMOS TTL Input – 54ACT86
Rev 1.0
14/05/25
Pad Layout and Functions
1000µm (39.37 mils)
PAD
FUNCTION
COORDINATES (µm)
13
1
X
Y
1
A1
-296.8
407.5
2
B1
-342.1
297.5
3
Y1
-344.7
107
4
A2
-342.1
-80
5
B2
-342.1
-190
6
Y2
-213.3
-372.7
7
GND
0
-404.2
8
Y3
213.3
-372.7
9
A3
342.2
-190
10
B3
342.2
-80
11
Y4
344.8
107
12
A4
342.2
297.5
13
B4
296.9
407.5
14
VCC
105.1
391.4
CONNECT CHIP BACK TO VCC OR FLOAT
DIE ID
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
L
H
H
L
H = High level (steady state)
L = Low level (steady state)
Y = A ⊕ B
= AB + AB
2
3
10
11
12
4
5
9
6
7
8
14
0,0
Page 2 of 5
www.siliconsupplies.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com