Electronic Components Datasheet Search
  English  ▼

X  

TDA2030A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2030A
Description  18 W hi-fi amplifier and 35 W driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2030A Datasheet HTML 7Page - STMicroelectronics TDA2030A Datasheet HTML 8Page - STMicroelectronics TDA2030A Datasheet HTML 9Page - STMicroelectronics TDA2030A Datasheet HTML 10Page - STMicroelectronics TDA2030A Datasheet HTML 11Page - STMicroelectronics TDA2030A Datasheet HTML 12Page - STMicroelectronics TDA2030A Datasheet HTML 13Page - STMicroelectronics TDA2030A Datasheet HTML 14Page - STMicroelectronics TDA2030A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TDA2030A
Multiway speaker systems and active boxes
Doc ID 1459 Rev 2
11/23
The rather poor out-of-band attenuation of single RC filters means that the loudspeaker
must operate linearly well beyond the crossover frequency to avoid distortion.
A more effective solution, "Active Power Filter" by STMicroelectronics is shown in Figure 22.
Figure 22.
Active Power Filter
The proposed circuit can realize combined power amplifiers and 12 dB/octave or
18 dB/octave high-pass or low-pass filters.
In practice, at the input pins of the amplifier two equal and in-phase voltages are available,
as required for the active filter operation.
The impedance at the pin (-) is of the order of 100
Ω, while that of the pin (+) is very high,
which is also what was wanted.
The component values calculated for fc = 900 Hz using a Bessek 3rd order Sallen and Key
structure are :
Using this type of crossover filter, a complete 3-way 60 W active loudspeaker system is
shown in Figure 23.
It employs 2nd order Butterworth filters with the crossover frequencies equal to 300 Hz and
3 kHz. The midrange section consists of two filters, a high-pass circuit followed by a low-
pass network. With VS = 36 V the output power delivered to the woofer is 25 W at d = 0.06%
(30 W at d = 0.5%).
The power delivered to the midrange and the tweeter can be optimized in the design phase
taking in account the loudspeaker efficiency and impedance (RL = 4 Ω to 8 Ω).
It is quite common that midrange and tweeter speakers have an efficiency 3 dB higher than
woofers.
C1 = C2 = C3
R1
R2
R3
22 nF
8.2 k
Ω
5.6 k
Ω
33 k
Ω
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com