| Electronic Components Datasheet Search |
|
STM32G474CE Datasheet(PDF) 88 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G474CE Datasheet(HTML) 88 Page - STMicroelectronics |
|
88 / 232 page ![]() Electrical characteristics STM32G474xB STM32G474xC STM32G474xE 88/232 DS12288 Rev 1 Figure 17. VREFINT versus temperature 5.3.5 Supply current characteristics The current consumption is a function of several parameters and factors such as the operating voltage, ambient temperature, I/O pin loading, device software configuration, operating frequencies, I/O pin switching rate, program location in memory and executed binary code The current consumption is measured as described in Figure 16: Current consumption measurement. Typical and maximum current consumption The MCU is placed under the following conditions: • All I/O pins are in analog input mode • All peripherals are disabled except when explicitly mentioned • The Flash memory access time is adjusted with the minimum wait states number, depending on the fHCLK frequency (refer to the table “number of wait states according to CPU clock (HCLK) frequency” available in the reference manual RM0440 "STM32G4 Series advanced Arm®-based 32-bit MCUs"). • When the peripherals are enabled fPCLK = fHCLK • The voltage scaling Range 1 is adjusted to fHCLK frequency as follows: – Voltage Range 1 Boost mode for 150 MHz < fHCLK ≤ 170 MHz – Voltage Range 1 Normal mode for 26 MHz < fHCLK ≤ 150 MHz The parameters given in Table 21 to Table 28 are derived from tests performed under ambient temperature and supply voltage conditions summarized in Table 17: General operating conditions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |