Electronic Components Datasheet Search
  English  ▼

X  

BQ2002C Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2002C
Description  NiCd/NiMH Fast-Charge Management IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2002C Datasheet(HTML) 3 Page - Texas Instruments

  BQ2002C Datasheet HTML 1Page - Texas Instruments BQ2002C Datasheet HTML 2Page - Texas Instruments BQ2002C Datasheet HTML 3Page - Texas Instruments BQ2002C Datasheet HTML 4Page - Texas Instruments BQ2002C Datasheet HTML 5Page - Texas Instruments BQ2002C Datasheet HTML 6Page - Texas Instruments BQ2002C Datasheet HTML 7Page - Texas Instruments BQ2002C Datasheet HTML 8Page - Texas Instruments BQ2002C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
bq2002C
Chip on
VCC
4.0V
Battery Voltage
too High?
Battery
Temperature?
Charge
Pending
Fast
LED =
Low
SD2002C.eps
Battery Voltage
too Low?
VBAT < 2V
VTS < VCC/2
VTS > VCC/2
VBAT > 0.84V and
VBAT < 2V and
VTS > VCC/2
VBAT < 0.84V
0.84V < VBAT
VBAT
> 2V
Trickle
LED =
Flash
Trickle
LED = Z
VBAT > 2V or
VTS < VCC/2 or
PVD or - V or
Maximum Time Out
VBAT > 2V
VBAT 2V
Figure 2. State Diagram
OSC
TM
CC
LED
VCC
VSS
BAT
INH
Clock
Phase
Generator
Timing
Control
Sample
History
A to D
Converter
MCV
Check
Power
Down
TS
Bd2002CEG.eps
Voltage
Reference
Power-On
Reset
TCO
Check
HTF
Check
LBAT
Check
Charge-Control
State Machine
PVD, - V
ALU
Figure 3. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com