Electronic Components Datasheet Search
  English  ▼

X  

VS1001K Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # VS1001K
Description  MPEG AUDIO CODEC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1001K Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button VS1001K Datasheet HTML 17Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 18Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 19Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 20Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 21Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 22Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 23Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 24Page - List of Unclassifed Manufacturers VS1001K Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
VLSI
Solution
y
DATASHEET
VS1001K
6. FUNCTIONAL DESCRIPTION
6
Functional Description
6.1
Main Features
VS1001k is based on a proprietary digital signal processor, VS DSP. It contains all the code and data
memory needed for MPEG audio decoding, together with serial interfaces, a multirate stereo audio DAC
and analog output amplifiers and filters.
VS1001k can play all MPEG 1 and 2 layer 3 files, as well as so-called MPEG 2.5 layer 3 extension
files with all sample rates and bitrates. In addition, variable bitrate (VBR) is also supported. With
VBR, and depending on the song, near-cd quality can be achieved with approximately 100 kbits/s for
stereo music sampled at 44100 Hz, whereas old encoders required 128 kbits/s for the same task. As
both commercial and free (http://www.mp3dev.org/) high-quality VBR encoders are nowadays widely
available, MP3 format is getting better as it is maturing.
6.2
Data Flow of VS1001k
Bitstream
FIFO
MP1/2/3
decoding
Bass/treble
enhancer
Volume
control
Audio
FIFO
S.rate.conv.
and DAC
User
application
R
SM_BASS = 0
SM_BASS = 1
A1ADDR = 0
A1ADDR != 0
16384 bits
512 stereo
samples
SDI
L
VOL
Figure 11: Data Flow of VS1001k.
First, MP3 data is input through the SDI bus.
After decoding, data may be sent to the Bass/treble enhancer depending on SCI register MODE’s bit
SM BASS.
Then, if SCI register AIADDR is non-zero, application code is executed from the address pointed to by
AIADDR. For more details, see Chapters 6.5.10 and Application Notes for VS10XX.
After the optional user application, the signal is fed to the volume control unit, which also copies the
data to the Audio FIFO.
The Audio FIFO holds the data that is read by the Audio interrupt (Chapter 8.5.1) and fed to the sample
rate converter and DACs. The size of the audio FIFO is 512 stereo (2×16-bit) samples
The sample rate converter converts all different sample rates to CLKI/512 and feeds the data to the DAC,
which in order makes a stereo in-phase signal. This signal is then forwarded to the earphone amplifier.
Version 4.14,
2004-02-10
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com