Electronic Components Datasheet Search
  English  ▼

X  

CC2595 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2595
Description  2.4-GHz RF FRONT END
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2595 Datasheet(HTML) 2 Page - Texas Instruments

  CC2595 Datasheet HTML 1Page - Texas Instruments CC2595 Datasheet HTML 2Page - Texas Instruments CC2595 Datasheet HTML 3Page - Texas Instruments CC2595 Datasheet HTML 4Page - Texas Instruments CC2595 Datasheet HTML 5Page - Texas Instruments CC2595 Datasheet HTML 6Page - Texas Instruments CC2595 Datasheet HTML 7Page - Texas Instruments CC2595 Datasheet HTML 8Page - Texas Instruments CC2595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
2
3
4
12
11
10
9
5
6
7
8
16
15
14
13
3 x 3 QFN - 16
GND
RF_IN
GND
GND
GND
RF_OUT
GND
RF_OUT
CC2595
SWRS090A – SEPTEMBER 2010 – REVISED MARCH 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PIN ASSIGNMENTS
Figure 1. CC2595 Pinout
Table 1. Pin Descriptions for CC2595
PIN NO.
PIN NAME
TYPE
DESCRIPTION
1
GND
GND
2
RF_IN
RF in/out
RF single-ended input
3
GND
GND
4
GND
GND
5
AVDD_BIAS
Power
Supply voltage, analog and logic
6
RBIAS1
Analog
Bias set resistor, stage 1
7
RBIAS2
Analog
Bias set resistor, stage 2
8
PAEN
Digital in
Chip enable: high = PA on
9
GND
GND
10
RF_OUT
RF in/out
RF single-ended output (1 of 2)
11
GND
GND
12
RF_OUT
RF in/out
RF single-ended output (2 of 2)
13
GND
GND
14
GND
GND
15
AVDD_PA1
Power
Supply voltage, PA stage 1
16
GND
GND
2
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: CC2595



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com