Electronic Components Datasheet Search
  English  ▼

X  

JB06F Datasheet(PDF) 4 Page - YAGEO Corporation

Part # JB06F
Description  SMD 0603 FAST ACTING FUSE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

JB06F Datasheet(HTML) 4 Page - YAGEO Corporation

  JB06F Datasheet HTML 1Page - YAGEO Corporation JB06F Datasheet HTML 2Page - YAGEO Corporation JB06F Datasheet HTML 3Page - YAGEO Corporation JB06F Datasheet HTML 4Page - YAGEO Corporation JB06F Datasheet HTML 5Page - YAGEO Corporation JB06F Datasheet HTML 6Page - YAGEO Corporation JB06F Datasheet HTML 7Page - YAGEO Corporation JB06F Datasheet HTML 8Page - YAGEO Corporation JB06F Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Product Specification
JB06F Series
SMD 0603 Fast Acting Fuse
Circuit Protection
www.yageo.com
Jun. 25, 2023 V.0
Clearing Time Characteristics
Rated Current
% of Current Rating
Clearing Time at 25℃
Min
Max
0.5A-8.0A
100%
4hours
/
0.5A-5.0A
200%
/
60s
6.0A-8.0A
300%
/
3s
Part Number Code Rule
J
B
06
F
1001
R
Product Code
Product Type
Size Type
Fusing Type
Current Rating
Package
J:Fuse
B: Thick Film
06:0603
F: Fast acting
5000:0.5A
1001:1A
R:Tape and Reel
B:Bulk
Temperature Derating Curve
Time & Current Curve
I2t & Time Curve



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com