Electronic Components Datasheet Search
  English  ▼

X  

CD54HC4017 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC4017
Description  HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC4017 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC4017 Datasheet HTML 1Page - Texas Instruments CD54HC4017 Datasheet HTML 2Page - Texas Instruments CD54HC4017 Datasheet HTML 3Page - Texas Instruments CD54HC4017 Datasheet HTML 4Page - Texas Instruments CD54HC4017 Datasheet HTML 5Page - Texas Instruments CD54HC4017 Datasheet HTML 6Page - Texas Instruments CD54HC4017 Datasheet HTML 7Page - Texas Instruments CD54HC4017 Datasheet HTML 8Page - Texas Instruments CD54HC4017 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CD74HC4017-Q1
HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER
WITH 10 DECODED OUTPUTS
SCLS546SA − OCTOBER 2003 − REVISED APRIL 2008
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
V
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
230
345
Decade out
CL = 50 pF
4.5 V
46
69
Decade out
CL
50 pF
6 V
39
59
CP
CL = 15 pF
5 V
19
CP
2 V
230
345
TC
CL = 50 pF
4.5 V
46
69
TC
CL
50 pF
6 V
39
59
CL = 15 pF
5 V
19
2 V
250
375
Decade out
CL = 50 pF
4.5 V
50
75
Decade out
CL
50 pF
6 V
43
64
t
CE
CL = 15 pF
5 V
21
ns
tpd
CE
2 V
250
375
ns
TC
CL = 50 pF
4.5 V
50
75
TC
CL
50 pF
6 V
43
64
CL = 15 pF
5 V
21
2 V
230
345
Decade out
CL = 50 pF
4.5 V
46
69
Decade out
CL
50 pF
6 V
39
59
MR
CL = 15 pF
5 V
19
MR
2 V
230
345
TC
CL = 50 pF
4.5 V
46
69
TC
CL
50 pF
6 V
39
59
CL = 15 pF
5 V
19
2 V
75
110
tt
TC, Decade out
CL = 50 pF
4.5 V
15
22
ns
tt
TC, Decade out
CL
50 pF
6 V
13
19
ns
fmax
CP
CL = 15 pF
5 V
60
MHz
operating characteristics, VCC = 5 V, TA = 25°C, input tr, tf = 6 ns, CL = 15 pF
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance (see Note 4)
39
pF
NOTE 4: Cpd is used to determine the dynamic power consumption per package.
PD = (Cpd × VCC2 × fi) + Σ(CL × VCC2 × fO)
fI = input frequency
fO = output frequency
CL = output load capacitance
VCC = supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com