Electronic Components Datasheet Search
  English  ▼

X  

0832001 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0832001
Description  LS-EMLP (27X8) SR CUS - Device marker
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0832001 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0832001 Datasheet HTML 1Page - PHOENIX CONTACT 0832001 Datasheet HTML 2Page - PHOENIX CONTACT 0832001 Datasheet HTML 3Page - PHOENIX CONTACT 0832001 Datasheet HTML 4Page - PHOENIX CONTACT 0832001 Datasheet HTML 5Page - PHOENIX CONTACT 0832001 Datasheet HTML 6Page - PHOENIX CONTACT 0832001 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device marker, Sheet, silver, labeled according to customer specifications, mounting type:
adhesive, Number of individual labels: 120, text field height: 8 mm, text field width: 27 mm
Your advantages
Stick-on device marking
•
Commercial data
Item number
0832001
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG814D
Catalog page
Page 259 (NTK-2014)
GTIN
4046356931311
Weight per piece (including packing)
40 g
Weight per piece (excluding packing)
40 g
Country of origin
PL
LS-EMLP (27X8) SR CUS - Device marker
0832001
https://www.phoenixcontact.com/us/products/0832001
Jun 5, 2025, 5:10AM
Page 1 (7)


Similar Part No. - 0832001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0832000 PHOENIX-0832000 Datasheet
196Kb / 7P
LS-EMLP (22X22) SR CUS - Device marker
0832002 PHOENIX-0832002 Datasheet
197Kb / 7P
LS-EMLP (27X12,5) SR CUS - Device marker
0832003 PHOENIX-0832003 Datasheet
196Kb / 7P
LS-EMLP (27X15) SR CUS - Device marker
0832004 PHOENIX-0832004 Datasheet
196Kb / 7P
LS-EMLP (27X18) SR CUS - Device marker
0832005 PHOENIX-0832005 Datasheet
195Kb / 7P
LS-EMLP (27X27) SR CUS - Device marker
More results

Similar Description - 0832001

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824547 PHOENIX-0824547 Datasheet
50Kb / 2P
Plastic label - UC-EMLP (11X9) CUS
0824562 PHOENIX-0824562 Datasheet
55Kb / 2P
Plastic label - UC-EMLP (60X30) CUS
0825471 PHOENIX-0825471 Datasheet
72Kb / 3P
UC-EMLP (27X12,5) SR
0830508 PHOENIX-0830508 Datasheet
51Kb / 2P
Device marker - EMLP-AL (27X15)
0830509 PHOENIX-0830509 Datasheet
46Kb / 3P
Device marker - EMLP-AL (27X18)
0830511 PHOENIX-0830511 Datasheet
46Kb / 3P
Device marker - EMLP-AL (49X15)
0830512 PHOENIX-0830512 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X15)
0830513 PHOENIX-0830513 Datasheet
46Kb / 3P
Device marker - EMLP-AL (60X30)
0830514 PHOENIX-0830514 Datasheet
46Kb / 3P
Device marker - EMLP-AL (85,6X54)
0830515 PHOENIX-0830515 Datasheet
52Kb / 2P
Device marker - EMLP-AL (100X60)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com