Electronic Components Datasheet Search
  English  ▼

X  

BAS316 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BAS316
Description  High-speed switching diodes
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS316 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BAS316 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BAS316 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© Nexperia B.V. 2017. All rights reserved
BAS16_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 6 — 24 September 2014
6 of 21
Nexperia
BAS16 series
High-speed switching diodes
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VF
forward voltage
[1]
IF = 1 mA
-
-
715
mV
IF = 10 mA
-
-
855
mV
IF = 50 mA
--1
V
IF = 150 mA
--1.25
V
IR
reverse current
VR = 25 V
--30
nA
VR = 80 V
--0.5
A
VR =25V; Tj =150 C
--30
A
VR =80V; Tj =150 C
--50
A
Cd
diode capacitance
f = 1 MHz; VR =0 V
BAS16; BAS16H;
BAS16J; BAS16L;
BAS16T; BAS16VV;
BAS16VY; BAS16W;
BAS316
--1.5
pF
BAS516
-
-
1
pF
trr
reverse recovery time
IF =10mA; IR =10mA;
RL = 100 ;
IR(meas) =1 mA
--4
ns
VFR
forward recovery voltage IF =10mA; tr = 20 ns
--1.75
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com