Electronic Components Datasheet Search
  English  ▼

X  

X5R Datasheet(PDF) 1 Page - WALSIN TECHNOLOGY CORPORATION

Part # X5R
Description  MULTILAYER CERAMIC CAPACITORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

X5R Datasheet(HTML) 1 Page - WALSIN TECHNOLOGY CORPORATION

  X5R Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION X5R Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 1 of 22
ASC_General Purpose_001AM_AS
Apr. 2021
*Contents in this sheet are subject to change without prior notice.
MULTILAYER CERAMIC CAPACITORS
General Purpose Series (4V to 100V)
0201 to 1812 Sizes
NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics
Halogen Free & RoHS Compliance


Similar Part No. - X5R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
X5R MURATA-X5R Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
AVX Corporation
X5R AVX-X5R Datasheet
787Kb / 4P
General Specifications
X5R AVX-X5R Datasheet
449Kb / 4P
X5R Dielectric
042418
logo
YAGEO Corporation
X5R YAGEO-X5R Datasheet
1Mb / 21P
Surface Mount Multilayer Ceramic Capacitors
Dec. 06, 2022 V.30
logo
List of Unclassifed Man...
X5R0402 ETC1-X5R0402 Datasheet
133Kb / 7P
ceramic chip capacitors
More results

Similar Description - X5R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0402KR ETC1-CC0402KR Datasheet
214Kb / 8P
MULTILAYER CERAMIC CAPACITORS
logo
EPCOS
B37979N EPCOS-B37979N Datasheet
122Kb / 12P
Multilayer Ceramic Capacitors
B37923K5100J070 EPCOS-B37923K5100J070 Datasheet
722Kb / 22P
Multilayer ceramic capacitors
B37941X5333K060 EPCOS-B37941X5333K060 Datasheet
797Kb / 17P
Multilayer ceramic capacitors
logo
Panasonic Semiconductor
ECJ-2VF1C105Z PANASONIC-ECJ-2VF1C105Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors
logo
EPCOS
B37953 EPCOS-B37953 Datasheet
151Kb / 25P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
B0805R224KCT ETC2-B0805R224KCT Datasheet
436Kb / 5P
Multilayer Ceramic Capacitors
logo
EPCOS
B37931 EPCOS-B37931 Datasheet
120Kb / 13P
Multilayer Ceramic Capacitors
logo
Cornell Dubilier Electr...
M15R103K5-F CDE-M15R103K5-F Datasheet
157Kb / 6P
Multilayer Ceramic Capacitors
logo
List of Unclassifed Man...
0603B104K500CT ETC1-0603B104K500CT Datasheet
4Mb / 21P
MULTILAYER CERAMIC CAPACITORS
Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com