Electronic Components Datasheet Search
  English  ▼

X  

3SM0 Datasheet(PDF) 1 Page - Semtech Corporation

Part # 3SM0
Description  Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

3SM0 Datasheet(HTML) 1 Page - Semtech Corporation

  3SM0 Datasheet HTML 1Page - Semtech Corporation 3SM0 Datasheet HTML 2Page - Semtech Corporation 3SM0 Datasheet HTML 3Page - Semtech Corporation 3SM0 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER DISCRETES
1
www.semtech.com
1N5550 THRU 1N5554
3SM2 THRU 3SM0
Axial Leaded Hermetically Sealed
Standard Recovery Rectifier Diode
Features
Revision: October 4, 2007
Quick reference data
V
R = 200 - 1000V
I
F
=
5.0A
t
rr = 2µS
V
F = 1.0V
Low reverse leakage current
Hermetically sealed in fused metal oxide
Good thermal shock resistance
Low forward voltage drop
Avalanche capability
Absolute Maximum Ratings
Electrical specifications @ T
A = 25°C unless otherwise specified.
l
o
b
m
y
S
0
5
5
5
N
1
2
M
S
3
1
5
5
5
N
1
4
M
S
3
2
5
5
5
N
1
6
M
S
3
3
5
5
5
N
1
8
M
S
3
4
5
5
5
N
1
0
M
S
3
s
t
i
n
U
e
g
a
tl
o
V
e
s
r
e
v
e
R
g
n
i
k
r
o
WV
M
W
R
0
0
20
0
40
0
60
0
80
0
0
1V
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
h
t
g
n
e
l
d
a
e
l
,r
i
a
e
e
r
f
n
i
C
°
5
5
@
"
5
7
3
.
0
I
)
V
A
(
F
0
.
5A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
h
t
g
n
e
l
d
a
e
l
,r
i
a
e
e
r
f
n
i
C
°
5
5
@
"
5
7
3
.
0
I
M
R
F
5
2A
t
n
e
r
r
u
C
e
g
r
u
S
e
v
it
it
e
p
e
R
-
n
o
N
V
@
S
m
3
.
8
=
p
t
(
R
T
&
X
A
M
J
)
V
@
,
S
m
3
.
8
=
p
t
(
R
)
C
°
5
2
&
I
M
S
F
0
0
1
0
5
1
A
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
+
o
t
5
6
-C
°
Description
These products are qualified to MIL-PRF-19500/420.
They can be supplied fully released as JAN, JANTX, and
JANTXV versions.


Similar Part No. - 3SM0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3SM0 SEMTECH-3SM0 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results

Similar Description - 3SM0

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3PM2 SEMTECH-3PM2 Datasheet
127Kb / 3P
AXIAL LEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
2PFF8 SEMTECH-2PFF8 Datasheet
115Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFF8 SEMTECH-PFF8 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
New Jersey Semi-Conduct...
3SM2 NJSEMI-3SM2 Datasheet
74Kb / 2P
Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com