Electronic Components Datasheet Search
  English  ▼

X  

SRP4021HMCT-R10M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP4021HMCT-R10M
Description  SRP4021HMCT Series – Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP4021HMCT-R10M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP4021HMCT-R10M Datasheet HTML 1Page - Bourns Electronic Solutions SRP4021HMCT-R10M Datasheet HTML 2Page - Bourns Electronic Solutions SRP4021HMCT-R10M Datasheet HTML 3Page - Bourns Electronic Solutions SRP4021HMCT-R10M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SRP4021HMCT Series – Shielded Power Inductors
L vs. I Charts
0.15
0.12
0.09
0.06
0.03
0
0.20
0.16
0.12
0.08
0.04
0
0
9.0
18.0
27.0
36.0
45.0
DC Current (A)
0
7.0
14.0
21.0
28.0
35.0
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRP4021HMCT-R10M
0.70
0.56
0.42
0.28
0.14
0
0
4
8
12
16
20
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-R47M
1.00
0.80
0.60
0.40
0.20
0
0
3
6
15
9
12
0
2.8
5.6
8.4
14.0
11.2
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-R68M
1.50
1.20
0.90
0.60
0.30
0
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-1R0M
2.00
1.60
1.20
0.80
0.40
0
0
2.7
5.4
8.1
10.8
13.5
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-1R5M
3.00
2.40
1.80
1.20
0.60
0
0
2.2
4.4
11.0
6.6
8.8
0
1.8
3.6
5.4
9.0
7.2
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-2R2M
5.00
4.00
3.00
2.00
1.00
0
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-3R3M
6.00
4.80
3.60
2.40
1.20
0
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-4R7M
8.00
6.40
4.80
3.20
1.60
0
0
1.3
2.6
6.5
3.9
5.2
0
1.1
2.2
3.3
5.5
4.4
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-5R6M
12.00
9.60
7.20
4.80
2.40
0
0
1.1
2.2
3.3
4.4
5.5
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-8R2M
15.00
12.00
9.00
6.00
3.00
0
0
0.9
1.8
4.5
2.7
3.6
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-100M
10.00
8.00
6.00
4.00
2.00
0
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-6R8M
SRP4021HMCT-R15M
0.50
0.40
0.30
0.20
0.10
0
0
4
8
12
16
20
DC Current (A)
100
80
60
40
20
0
SRP4021HMCT-R33M
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com