Electronic Components Datasheet Search
  English  ▼

X  

9400 Datasheet(PDF) 8 Page - APEM

Part # 9400
Description  9000 series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

9400 Datasheet(HTML) 8 Page - APEM

  9400 Datasheet HTML 1Page - APEM 9400 Datasheet HTML 2Page - APEM 9400 Datasheet HTML 3Page - APEM 9400 Datasheet HTML 4Page - APEM 9400 Datasheet HTML 5Page - APEM 9400 Datasheet HTML 6Page - APEM 9400 Datasheet HTML 7Page - APEM 9400 Datasheet HTML 8Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
APEM
www.apem.com
B2-41
B2
9000 series
Alternate action or momentary pushbutton switches
• Single pole
• Solder lug terminals
• Epoxy sealed terminals
(.100)
(.050)
1.25
2.55
Bushing Ø 6,35 (1/4) - Alternate action - tactile feedback
Gold plated contacts
9631CDB
ON
-
OFF
Silver contacts
9631AB
ON
-
OFF
(.160 DIA)
(.370 DIA)
(.015)
(.209)
(1/4-40UNS)
Ø6.35-40UNS
Ø4.05
Ø9.40
0.40
5.30
EPOXY
Bushing Ø 11,9 (15/32) - front or rear mounting - NO
9633MCDB
Normally open
(.370 DIA)
(.015)
(.209)
Ø9.40
0.40
5.30
EPOXY
(.330 DIA)
(15/32-32UNS)
Ø11.90-32UNS
Ø8.40
MODEL
A
9633M
6.35 (.250)
Standard hardware : 1 conic nut and 1 lockwasher
Standard hardware : 2 hex nuts 14 mm (.551) across flats and 1 lockwasher
Function 3
Function 1
(NO)
OFF
ON
08-Serie 9400-9600-A_11-Serie 9400-9600-A 21/11/12 15:02 Page41



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com