Electronic Components Datasheet Search
  English  ▼

X  

TQL9062 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # TQL9062
Description  High Linearity Gain Block with Shutdown
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9062 Datasheet(HTML) 5 Page - Qorvo, Inc

  TQL9062 Datasheet HTML 1Page - Qorvo, Inc TQL9062 Datasheet HTML 2Page - Qorvo, Inc TQL9062 Datasheet HTML 3Page - Qorvo, Inc TQL9062 Datasheet HTML 4Page - Qorvo, Inc TQL9062 Datasheet HTML 5Page - Qorvo, Inc TQL9062 Datasheet HTML 6Page - Qorvo, Inc TQL9062 Datasheet HTML 7Page - Qorvo, Inc TQL9062 Datasheet HTML 8Page - Qorvo, Inc TQL9062 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TQL9062
High Linearity Gain Block with Shutdown
Data Sheet, April 30, 2018 | Subject to change without notice
5 of 9
www.qorvo.com
®
Typical Performance
– TQL9062-PCB
Test conditions unless otherwise noted:
VDD=+5 V, IDD=122 mA (typ.), Temp=+25°C
Parameter
Conditions
Typical Values
Units
Frequency
1900
2600
3300
3500
3800
MHz
Gain
14.6
14.8
15.3
16.3
16.7
dB
Input Return Loss
12
10.5
12.5
13.5
13
dB
Output Return Loss
12.5
15
17
18
17
dB
Output P1dB
+23.5
+22.6
+21.3
+21.3
+20.8
dBm
OIP3
Pout=+5 dBm/tone,
∆f=1 MHz
+40
+41
+42.2
+43.6
+44.6
dBm
Noise figure (1)
1.0
1.25
1.3
1.4
1.5
dB
Note: 1) Noise figure data has input trace loss de-embedded.
Performance Plots
– TQL9062-PCB
Test conditions unless otherwise noted:
VDD=+5 V, IDD = 122mA. Noise figure data has input trace loss de-embedded.
0
5
10
15
20
25
30
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Gain vs. Frequency
+105°C
+25°C
−40°C
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Input Return Loss vs. Frequency
+105°C
+25°C
−40°C
-25
-20
-15
-10
-5
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Output Return Loss vs. Frequency
+105°C
+25°C
−40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
1.5
2
2.5
3
3.5
4
Frequency (GHz)
Noise Figure vs Frequency
+105°C
+25°C
−40°C
35
38
41
44
47
50
3300
3400
3500
3600
3700
3800
Frequency (MHz)
OIP3 vs Frequency
+85°C
+25°C
−40°C
35
38
41
44
47
50
-1
0
1
2
3
4
5
6
7
Pout/tone (dBm)
OIP3 vs Pout/tone
3300 MHz
3500 MHz
3800 MHz
Temp.=+25°C
18
19
20
21
22
23
3300
3400
3500
3600
3700
3800
Frequency (MHz)
P1dB vs Frequency
+105°C
+25°C
−40°C
0
20
40
60
80
100
120
140
0
4
8
12
16
20
24
28
-10
-6
-2
2
6
10
14
18
22
26
30
Input Power (dBm)
Pin vs Pout & Idd
Pout under OFF State
Pout under ON State
IDD under ON State
IDD under OFF State



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com