Electronic Components Datasheet Search
  English  ▼

X  

EVCC Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # EVCC
Description  ELECTRIC VEHICLE COMMUNICATION CONTROLLER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

EVCC Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  EVCC Datasheet HTML 1Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
| EVCC
ELECTRIC VEHICLE COMMUNICATION CONTROLLER
SPECIFICATIONS
Sensata is presenting the latest generation Controller for charging Electric Vehicles to its extensive Electrification Portfolio. The EVCC (Electric Vehicle Communication
Controller) is a solution that supports both CCS1 and CCS2 inlets and, thanks to Plug and Charge (PnC) capability, vehicles can be authenticated simply by plugging in the
inlet, thus starting the charging process.
The EVCC is a standard ECU for 24V environments. It realizes electrical charging according to DIN SPEC 70121 and ISO 15118 for power line communication (PLC) with
the infrastructure. Sensata’s EVCC includes an integrated flash bootloader and a modern MICROSAR stack with all relevant application modules.
The EVCC is designed to be integrated into the vehicle with the following system
architecture.
System Architecture
IEC 61851
Supported
DIN 70121
Supported
ISO 15118-2
Supported
incl. Charging Schedules & Plug and Charge
(PnC)
SAE J3068
Supported
Value Added Service (VDV261) Supported, additional use cases planned for
Feature Updates
ISO 26262
SEooC* The EVCC is developed to fulfill
functional safety goals rated with ASIL B.
Supported Inlets
Phoenix 12V locking,
Amphenol Automotive, Rema
CCS Combo 1
Series
CCS Combo 2
Series
Page 1
Rev:06/11/24
www.sensata.com
CONTACT US
Copyright © 2024 Sensata Technologies, Inc.
Sensata Technologies, Inc. (“Sensata”) data sheets are solely intended to assist designers (“Buyers”) who are developing systems that incorporate Sensata products (also referred to herein as “components”).
Buyer understands and agrees that Buyer remains responsible for using its independent analysis, evaluation and judgment in designing Buyer’s systems and products. Sensata data sheets have been created
using standard laboratory conditions and engineering practices. Sensata has not conducted any testing other than that specifically described in the published documentation for a particular data sheet. Sensata
may make corrections, enhancements, improvements and other changes to its data sheets or components without notice.
Buyers are authorized to use Sensata data sheets with the Sensata component(s) identified in each particular data sheet. HOWEVER, NO OTHER LICENSE, EXPRESS OR IMPLIED, BY ESTOPPEL OR
OTHERWISE TO ANY OTHER SENSATA INTELLECTUAL PROPERTY RIGHT, AND
NO LICENSE TO ANY THIRD PARTY TECHNOLOGY OR INTELLECTUAL PROPERTY RIGHT, IS GRANTED HEREIN. SENSATA DATA SHEETS ARE PROVIDED “AS IS”. SENSATA MAKES NO
WARRANTIES OR REPRESENTATIONS WITH REGARD TO THE DATA SHEETS OR USE OF THE DATA SHEETS, EXPRESS, IMPLIED OR STATUTORY, INCLUDING ACCURACY OR COMPLETENESS.
SENSATA DISCLAIMS ANY WARRANTY OF TITLE AND ANY IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, QUIET ENJOYMENT, QUIET POSSESSION,
AND NON-INFRINGEMENT OF ANY THIRD PARTY INTELLECTUAL PROPERTY RIGHTS WITH REGARD TO SENSATA DATA SHEETS OR USE THEREOF.
All products are sold subject to Sensata’s terms and conditions of sale supplied at www.sensata.com SENSATAASSUMES NO LIABILITY FOR APPLICATIONS ASSISTANCE OR THE DESIGN OF
BUYERS’ PRODUCTS. BUYER ACKNOWLEDGES AND AGREES THAT IT IS SOLELY RESPONSIBLE FOR COMPLIANCE WITH ALL LEGAL, REGULATORY AND SAFETY-RELATED REQUIREMENTS
CONCERNING ITS PRODUCTS, AND ANY USE OF SENSATA COMPONENTS IN ITS APPLICATIONS, NOTWITHSTANDING ANY APPLICATIONS-RELATED INFORMATION OR SUPPORT THAT MAY BE
PROVIDED BY SENSATA.
Mailing Address: Sensata Technologies, Inc., 529 Pleasant Street, Attleboro, MA 02703, USA.


Similar Part No. - EVCC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
EVCC-01 LITTELFUSE-EVCC-01 Datasheet
879Kb / 4P
EVCC-01 Series
Revised: 11/12/2025
More results

Similar Description - EVCC

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA-COM ITT-CA-COM Datasheet
84Kb / 1P
Construction Equipment Electric Vehicle
logo
Power System Technology
PST17 PST-PST17 Datasheet
254Kb / 4P
Industrial, communication, vehicle
logo
Willow Technologies Ltd
DEVR20 WILLOW-DEVR20 Datasheet
765Kb / 4P
Electric Vehicle Contactor
DEVR40 WILLOW-DEVR40 Datasheet
651Kb / 4P
Electric Vehicle Contactor
DEVR10 WILLOW-DEVR10 Datasheet
501Kb / 3P
Electric Vehicle Contactor
DG55M WILLOW-DG55M Datasheet
288Kb / 3P
electric vehicle relay
logo
Bel Fuse Inc.
0AKL BEL-0AKL Datasheet
433Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKL Sep2022
0AKM BEL-0AKM Datasheet
340Kb / 3P
Electric Vehicle Auxiliary Fuses
Rev. 0AKM Aug2022
0AKN BEL-0AKN Datasheet
460Kb / 3P
Electric Vehicle Power Fuses
Rev. 0AKN Feb2022
0ALE BEL-0ALE Datasheet
324Kb / 3P
Electric vehicle auxiliary fuses
Rev. 0ALE Jun2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com