Electronic Components Datasheet Search
  English  ▼

X  

F18 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # F18
Description  POWER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

F18 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  F18 Datasheet HTML 1Page - Sensata Technologies, Inc. F18 Datasheet HTML 2Page - Sensata Technologies, Inc. F18 Datasheet HTML 3Page - Sensata Technologies, Inc. F18 Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
ORDERING OPTIONS
Example : F1892SD1200
Series
F18
Load Current
27 : 25 Amps
42 : 40 Amps
57 : 55 Amps
92 : 90 Amps
107 : 105 Amps
Circuit Type
CAD HD RD
D
CCD DH SDK SD
Operating Voltage
400 : 120 VAC
600 : 240 VAC
1000 : 380 VAC
1200 : 480 VAC
1400 : 530 VAC
1600 : 600 VAC
F18
92
SD
1200
NOTE: Not all combinations are available.
Consult factory for information on the availability of a specific part number.
CIRCUIT DIAGRAMS
Required for valid part number
For options only and not required for valid part
number



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com