Electronic Components Datasheet Search
  English  ▼

X  

TLOU114P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOU114P
Description  Panel Circuit Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU114P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOU114P Datasheet HTML 1Page - Toshiba Semiconductor TLOU114P Datasheet HTML 2Page - Toshiba Semiconductor TLOU114P Datasheet HTML 3Page - Toshiba Semiconductor TLOU114P Datasheet HTML 4Page - Toshiba Semiconductor TLOU114P Datasheet HTML 5Page - Toshiba Semiconductor TLOU114P Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLOU114P(F),TLSU114P(F),TLYU114P(F)
2007-10-01
1
TOSHIBA InGaAℓP LED
TLOU114P(F),TLSU114P(F),TLYU114P(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 5mm package
• InGaAℓP LED
• Without stand−offs
• All plastic mold type
• Colored lusterless lens
• Lineup: 3 colors (red, orange, yellow)
• Suitable for high−brightness and less electricity consumption.
• All plastic molded lens, provides an excellent on−off contrast ratio.
• Applications: Backlight, light for decoration, switches,
various indicator, personal equipment
Lineup
Product
Color
Material
TLOU114P(F)
Orange
InGaAℓP
TLSU114P(F)
Red
InGaAℓP
TLYU114P(F)
Yellow
InGaAℓP
Absolute Maximum Ratings (Ta = 25°C)
Product
Forward
Current
IF (mA)
Reverse
Voltage
VR (V)
Power
Dissipation
PD (mW)
Operating
Temperature
Top (°C)
Storage
Temperature
Tstg (°C)
TLOU114P(F)
30
4
72
−20~75
−30~100
TLSU114P(F)
30
4
72
−20~75
−30~100
TLYU114P(F)
30
4
75
−20~75
−30~100
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit in mm
JEDEC
―
JEITA
―
TOSHIBA
4-6B3A
Weight: 0.31g(Typ.)


Similar Part No. - TLOU114P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU114P TOSHIBA-TLOU114P Datasheet
136Kb / 6P
TOSHIBA InGaA?밣 LED
More results

Similar Description - TLOU114P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com