Electronic Components Datasheet Search
  English  ▼

X  

C1Q Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C1Q
Description  Surface Mount Very Fast-Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1Q Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C1Q Datasheet HTML 1Page - Bel Fuse Inc. C1Q Datasheet HTML 2Page - Bel Fuse Inc. C1Q Datasheet HTML 3Page - Bel Fuse Inc. C1Q Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C1Q
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. C1Q Feb2025
Temperature Derating Curve
Average Time Current Curve
Electrical Specifications
Catalog
Number
Ampere
Rating
(A)
Nominal
Cold
Resistance
(ohms)
Nominal
Volt-drop
@100% In
(Volt)
Voltage and
Interrupting
Ratings
Melting I²T
@10 In
(A² Sec)
Nominal
Power
Dissipation
@100% In
(W)
Agency Approvals
C1Q 250
250mA
0.85
0.250
See Table of
Safety Approvals on
Page 1 for Voltage
and associated
Interrupting Ratings
0.00003
0.06
Y
Y
C1Q 375
375mA
0.48
0.222
0.00006
0.08
Y
Y
C1Q 500
500mA
0.32
0.195
0.00011
0.10
Y
Y
C1Q 750
750mA
0.175
0.163
0.00042
0.12
Y
Y
C1Q 1
1A
0.124
0.156
0.00096
0.16
Y
Y
C1Q 1.25
1.25A
0.092
0.149
0.0020
0.19
Y
Y
C1Q 1.5
1.5A
0.075
0.142
0.0024
0.21
Y
Y
C1Q 2
2A
0.054
0.140
0.005
0.28
Y
Y
C1Q 2.5
2.5A
0.042
0.138
0.008
0.35
Y
Y
C1Q 3
3A
0.035
0.136
0.020
0.41
Y
Y
C1Q 3.5
3.5A
0.030
0.140
0.029
0.49
Y
Y
C1Q 4
4A
0.028
0.144
0.038
0.58
Y
Y
C1Q 5
5A
0.022
0.154
0.075
0.77
Y
Y
C1Q 7
7A
0.015
0.160
0.116
1.12
Y
Consult manufacturer for other ratings
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com