Electronic Components Datasheet Search
  English  ▼

X  

C1T Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # C1T
Description  Surface Mount Slow Blow Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C1T Datasheet(HTML) 2 Page - Bel Fuse Inc.

  C1T Datasheet HTML 1Page - Bel Fuse Inc. C1T Datasheet HTML 2Page - Bel Fuse Inc. C1T Datasheet HTML 3Page - Bel Fuse Inc. C1T Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type C1T
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2025 Bel Fuse, Inc.
Rev. C1T Feb2025
Temperature Derating Curve
Average Time Current Curve
Electrical Specifications
Part Number
Ampere
Rating
(A)
Marking
Code
Nominal
Cold
Resistance
(ohms)
Maximum
Volt-drop
@100% In
(Volt) max.
Voltage and
Interrupting
Ratings
Nominal
Melting I²T
@10 In
(A² Sec)
Maximum
Power
Dissipation
@100% In
(W)
Agency
Approvals
0685T0750-XX
750mA
TM
0.700
0.795
See Table of
Safety
Approvals on
Page 1 for
Voltage and
associated
Interrupting
Ratings
0.06
0.60
Y
Y
0685T1000-XX
1A
T1
0.460
0.597
0.12
0.60
Y
Y
0685T1250-XX
1.25A
TP
0.300
0.541
0.20
0.68
Y
Y
0685T1500-XX
1.5A
TR
0.190
0.436
0.23
0.65
Y
Y
0685T1750-XX
1.75A
TS
0.135
0.395
0.43
0.65
Y
0685T2000-XX
2A
T2
0.110
0.325
0.63
0.65
Y
Y
0685T2500-XX
2.5A
TT
0.068
0.274
1.07
0.69
Y
Y
0685T3000-XX
3A
T3
0.050
0.232
1.64
0.70
Y
Y
0685T3500-XX
3.5A
TZ
0.040
0.194
2.28
0.68
Y
Y
0685T4000-XX
4A
T4
0.030
0.195
2.56
0.78
Y
Y
0685T5000-XX
5A
T5
0.020
0.157
5.3
0.79
Y
Y
0685T6000-XX
6A
T6
0.0145
0.153
6.0
0.92
Y
Y
0685T7000-XX
7A
T7
0.0115
0.139
6.9
0.97
Y
Y
0685T8000-XX
8A
T8
0.0095
0.135
8.0
1.08
Y
Y
Consult manufacturer for other ratings
NOTES: Test Conditions
All test for ratings 750mA - 5A were conducted with fuse samples soldered on a PCB (1.6mm thick) test board with copper traces measuring
0.035 mm (35μm) nominal thickness (1 oz. clad), 5mm wide and 100 mm overall length.
All test for ratings 6A-8A were conducted with fuse samples soldered on a PCB (1.6mm thick) test board with copper traces measuring 0.070
mm (70
μm) nominal thickness (2 oz. clad), 7.5mm wide and 100 mm overall length.
Device designed to be mounted with marking facing up.
Device designed to carry rated current for 4 hours minimum. It is recommended that device be operated continuously at no more than 80% of
rated current when in a +25°C ambient, with further derating at elevated ambient temperatures.
Specifications subject to change without notice
0.001
0.01
0.1
1
10
100
0
1
10
100
1000
CURRENT IN AMPERES
C1T - TIME CURRENT CHARACTERISTIC CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com