Electronic Components Datasheet Search
  English  ▼

X  

C2Q Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C2Q
Description  Surface Mount Very Fast-Acting Chip Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2Q Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C2Q Datasheet HTML 1Page - Bel Fuse Inc. C2Q Datasheet HTML 2Page - Bel Fuse Inc. C2Q Datasheet HTML 3Page - Bel Fuse Inc. C2Q Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type C2Q
Surface Mount Very Fast-Acting Chip Fuse
belfuse.com/circuit-protection
C2Q Series – 0603 Size
RoHS Compliant
Features
- Fast-acting
- Small size, 0603 SMD
- Current rating from 250mA to 5A
- Wide operating temperature range from -55
℃ to 125℃
- Tape and Reel for automatic SMD placement
- Compatible with 260
℃ IR Pb-free and wave soldering process
- Full compliance with EU Directive 2011/65/EU and amending directive 2015/863
(MSL = 1)
- Halogen Free and Lead Free
- AEC-Q Compliant
- Meets Bel automotive qualification*
* - Largely based on internal AEC-Q test plan
Applications
- Notebook
- LCD monitor
- PC computer
- Office electronic equipment
- Industrial equipment
- Medical equipment
- POE, POE+
- LCD / LED monitor
- Power supply
- LCD / LED TV
LEAD FREE =
- DC-DC Converter
HALOGEN FREE =
=
Electrical Characteristics (UL STD.248-14)
S
afety Agency Approvals
Physical Specifications
Materials
Body : Ceramic Substrate
Terminations : Ag / Ni / Sn (100% Lead-free)
Element Cover Coating : Lead-free Glass
Marking
On Fuse :
None
On Label :
"bel", "C2Q", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" and
"
", "
"(China RoHS compliant).
Testing
Current
Blow Time
Minimum
Maximum
100%
4 Hrs.
N/A
200%
N/A
5 Sec
300%
N/A
0.2 Sec
Safety
Agency
Safety Agency
Certificate
Ampere Rating/
Voltage Rating
Ampere Range / Volt
@ I.R. ability*
E506667
250mA-4A/32V AC
63V DC
250mA-4A/32V AC @ 35A
63V DC @ 50A
5A / 32V AC & DC
5A / 32V AC & DC @ 50A
*I.R.= Interrupting Rating = Short Circuit Rating(Amps)
Specifications subject to change without notice


Similar Part No. - C2Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q1 BEL-C2Q1 Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q1 BEL-C2Q1 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q1 BEL-C2Q1 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
More results

Similar Description - C2Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com