Electronic Components Datasheet Search
  English  ▼

X  

DRC-V Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # DRC-V
Description  Radial Coil Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

DRC-V Datasheet(HTML) 4 Page - Bel Fuse Inc.

  DRC-V Datasheet HTML 1Page - Bel Fuse Inc. DRC-V Datasheet HTML 2Page - Bel Fuse Inc. DRC-V Datasheet HTML 3Page - Bel Fuse Inc. DRC-V Datasheet HTML 4Page - Bel Fuse Inc. DRC-V Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
belfuse.com/signal
128 Atlantic Avenue, Lynbrook, NY 11563
Toll Free 866-239-5777 | Tel 516-239-5777 | Fax 516-239-7208
sales@signaltransformer.com | techhelp@signaltransformer.com
Custom versions available upon request.
© 2024 Signal Transformer
Specifications subject to change without notice
DRC-V Series Oct 02 2024
DRC-V Series Datasheet
RoHS
Compliant
DRC-V-822K
8200
20
0.2520
21.0
0.3
0.130
0.05
DRC-V-103K
10 000
30
0.0796
25.0
0.3
0.120
0.05
DRC-V-123K
12 000
30
0.0796
33.0
0.3
0.115
0.04
DRC-V-153K
15 000
30
0.0796
37.0
0.2
0.100
0.04
DRC-V-183K
18 000
30
0.0796
40.0
0.2
0.090
0.04
DRC-V-223K
22 000
30
0.0796
56.0
0.1
0.080
0.03
DRC-V-273K
27 000
30
0.0796
62.0
0.1
0.075
0.03
DRC-V-333K
33 000
30
0.0796
70.0
0.1
0.070
0.03
DRC-V-393K
39 000
30
0.0796
80.0
0.1
0.065
0.03
DRC-V-473K
47 000
20
0.0796
99.0
0.1
0.055
0.03
• Characteristics
I sat (Saturation Current): The current when the inductance becomes 10% lower than its initial value (Ta = 20°C)
I rms (Temperature Rise): The current when temperature of coil increases up to Typ. ΔT= 40°C (Ta = 20°C)
• Test equipment
L: measured on Agilent 4284A LCR meter or equivalent
DCR: measured on Chroma 16502 micro micro-OHM meter or equivalent
I sat & I rms : measured on Agilent 4284A LCR meter with 42841A Current Source or equivalent
• Notice
There could be measurement deviations with different instruments due to different test principles / internal resistance.
Open and Short compensation is performed before testing
PACKAGING SPECIFICATIONS
Dimension unit : mm
C/NO.
410
260
LABEL
Customer P/O:
Customer Part No:
Supplier Part No:
Lot No:
Quantity:
Pcs
N. W.:
kg
G. W.:
kg
Small Carton
Outer Carton
Inside Board
Series
Packaging Quantity (pcs)
Each board
Small carton
Outer carton
DRC-V
500
2500
5000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com