Electronic Components Datasheet Search
  English  ▼

X  

F6921AVRI Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F6921AVRI
Description  Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F6921AVRI Datasheet(HTML) 4 Page - Renesas Technology Corp

  F6921AVRI Datasheet HTML 1Page - Renesas Technology Corp F6921AVRI Datasheet HTML 2Page - Renesas Technology Corp F6921AVRI Datasheet HTML 3Page - Renesas Technology Corp F6921AVRI Datasheet HTML 4Page - Renesas Technology Corp F6921AVRI Datasheet HTML 5Page - Renesas Technology Corp F6921AVRI Datasheet HTML 6Page - Renesas Technology Corp F6921AVRI Datasheet HTML 7Page - Renesas Technology Corp F6921AVRI Datasheet HTML 8Page - Renesas Technology Corp F6921AVRI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
F6921 Datasheet
R35DS0092EU0102 Rev.1.02
Nov 14, 2024
Page 4
1. Pin Information
1.1 Pin Assignments
Figure 2. Pin Assignments for 2.7 × 2.7 mm 23-pin FCBGA Package – Top View
1.2 Pin Descriptions
Pin Number
Name
Type
I/O
Description
A1, A2, A5,
B3, B4,
C1, C2, C3, C4, C5,
D3, D4,
E1, E2, E5
GND
Ground
–
DC and RF ground.
A3
VDD1
Power
Input
Positive supply voltage input for channel 1. Channel 2
must also be enabled by powering VDD2 for channel 1 to
be operable.
E3
VDD2
Power
Input
Positive supply voltage input for channel 2. For single
channel operation of channel 2, channel 1 must be
disabled by either floating or grounding VDD1.
A4, E4
IREF
Power
Input
Reference bias current input, tied to a common node
shared by channels 1 and 2. Connect directly to a current
source, voltage source through a resistor, or to the IBx
pin of the F61xx.
B1
RFI1
Analog
Input
Channel 1 RF input port.
D1
RFI2
Analog
Input
Channel 2 RF input port.
B5
RFO1
Analog
Output
Channel 1 RF output port.
D5
RFO2
Analog
Output
Channel 2 RF output port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com