Electronic Components Datasheet Search
  English  ▼

X  

TLP102 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP102
Description  PHOTO-IC Intelligent Power Module Signal Isolation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP102 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP102 Datasheet HTML 1Page - Toshiba Semiconductor TLP102 Datasheet HTML 2Page - Toshiba Semiconductor TLP102 Datasheet HTML 3Page - Toshiba Semiconductor TLP102 Datasheet HTML 4Page - Toshiba Semiconductor TLP102 Datasheet HTML 5Page - Toshiba Semiconductor TLP102 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP102
2005-04-22
5
TEST CIRCUIT 7: Switching Time Test Circuit
V
CC
VCC
GND
SHIELD
IF
V
O
0.1uF
C
L
V
O
IF
VOH
VOL
tpLH
tpHL
1.3V
50%
tf
tr
90%
10%
TEST CIRCUIT 8: Switching Time Test Circuit
VCC
GND
SHIELD
VO
0.1uF
CL
VCC
IF
5V
620Ω
5kΩ
V
O
IF
VOH
VOL
tpLH
tpHL
1.3V
50%
tf
tr
90%
10%
TEST CIRCUIT 9: Common-Mode Transient Immunity Test Circuit
0.1uF
VO
V
CC
SW
IF
1
3
6
5
4
VC
M
A
B
→
CM
L
CM
H
VCM
10%
90%
1000V
・SW B : IF=0mA
・SW A : IF=5mA
1V
17V
V
O
tr
tf
VCC
GND
SHIELD
)
(
)
(
800
s
t r
V
H
CM
μ
=
)
(
)
(
800
s
t f
V
L
CM
μ
=
CL: stray capacitance of probe and wiring (to 15 pF)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com