Electronic Components Datasheet Search
  English  ▼

X  

CSD17313Q2 Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD17313Q2
Description  CSD17313Q2 30-V N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD17313Q2 Datasheet(HTML) 2 Page - Texas Instruments

  CSD17313Q2 Datasheet HTML 1Page - Texas Instruments CSD17313Q2 Datasheet HTML 2Page - Texas Instruments CSD17313Q2 Datasheet HTML 3Page - Texas Instruments CSD17313Q2 Datasheet HTML 4Page - Texas Instruments CSD17313Q2 Datasheet HTML 5Page - Texas Instruments CSD17313Q2 Datasheet HTML 6Page - Texas Instruments CSD17313Q2 Datasheet HTML 7Page - Texas Instruments CSD17313Q2 Datasheet HTML 8Page - Texas Instruments CSD17313Q2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD17313Q2
SLPS260E – MARCH 2010 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
Q2 Package Dimensions .......................................... 8
5.2
Thermal Characteristics ............................................ 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Pattern ................................. 9
6
Device and Documentation Support.................... 7
7.4
Q2 Tape and Reel Information................................ 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
•
Added part number to title ..................................................................................................................................................... 1
•
Enhanced description ............................................................................................................................................................. 1
•
Added 7-inch reel to Ordering Information table ................................................................................................................... 1
•
Updated Continuous Drain Current ....................................................................................................................................... 1
•
Updated pulsed current conditions ........................................................................................................................................ 1
•
Updated Figure 1 to show RθJC curves .................................................................................................................................. 4
•
Added VGS = 4.5 V line in Figure 8 ........................................................................................................................................ 6
•
Updated the SOA in Figure 10 .............................................................................................................................................. 6
•
Added Community Resources ............................................................................................................................................... 7
•
Added Device and Documentation section. ........................................................................................................................ 10
Changes from Revision C (January 2013) to Revision D
Page
•
Changed Figure 10, Maximum Safe Operating Area ............................................................................................................. 6
Changes from Revision B (October 2010) to Revision C
Page
•
Changed the Recommended PCB Pattern............................................................................................................................. 9
•
Added the Recommended Stencil Pattern ............................................................................................................................. 9
Changes from Revision A (March 2010) to Revision B
Page
•
Deleted the Package Marking Information section............................................................................................................... 10
Changes from Original (March 2010) to Revision A
Page
•
Changed Qrr - Reverse Recovery Charge From: 10.2 nC To: 6.4 nC.................................................................................... 3
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com