Electronic Components Datasheet Search
  English  ▼

X  

CSD85302LT.B Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD85302LT.B
Description  CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD85302LT.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD85302LT.B Datasheet HTML 2Page - Texas Instruments CSD85302LT.B Datasheet HTML 3Page - Texas Instruments CSD85302LT.B Datasheet HTML 4Page - Texas Instruments CSD85302LT.B Datasheet HTML 5Page - Texas Instruments CSD85302LT.B Datasheet HTML 6Page - Texas Instruments CSD85302LT.B Datasheet HTML 7Page - Texas Instruments CSD85302LT.B Datasheet HTML 8Page - Texas Instruments CSD85302LT.B Datasheet HTML 9Page - Texas Instruments CSD85302LT.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TA - Ambient Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
D010
CSD85302L
SLPS561 – NOVEMBER 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Typical RθJA = 75°C/W
Figure 10. Maximum Source Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD85302L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com