Electronic Components Datasheet Search
  English  ▼

X  

TLP116 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP116
Description  PHOTO-IC PDP(Plasma Display Panel)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP116 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP116 Datasheet HTML 1Page - Toshiba Semiconductor TLP116 Datasheet HTML 2Page - Toshiba Semiconductor TLP116 Datasheet HTML 3Page - Toshiba Semiconductor TLP116 Datasheet HTML 4Page - Toshiba Semiconductor TLP116 Datasheet HTML 5Page - Toshiba Semiconductor TLP116 Datasheet HTML 6Page - Toshiba Semiconductor TLP116 Datasheet HTML 7Page - Toshiba Semiconductor TLP116 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP116
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAℓAs LED & PHOTO-IC
TLP116
PDP(Plasma Display Panel)
High Speed Interface
FA(Factory Automation)
The Toshiba TLP116 consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector.
Inverter logic (totempole output)
Package type : MFSOP6
Guaranteed performance over temperature : -40~100°C
Power supply voltage : 4.5~5.5V
Input thresholds current : IFHL=5mA(Max.)
Propagation delay time (tpHL/tpLH) : 60ns(Max.)
Switching speed : 20MBd(TYP.)
Common mode transient immunity : 10kV/us
Isolation voltage : 3750Vrms
UL Recognized : UL1577,File No.E67349
Truth Table
Pin Configuration (Top View)
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
Schematic
TOSHIBA
11-4C2
Weight: 0.09 g(Typ.)
Unit in mm
1:ANODE
3:CATHODE
4:GND
5:VO
6:VCC
0.1uF bypass capacitor must be
connected between pins 6 and 4
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
Tr1
Tr2
VF
1
3
5
6
VCC
GND
SHIELD
4


Similar Part No. - TLP116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP116 TOSHIBA-TLP116 Datasheet
75Kb / 5P
Digital Isolation for A/D,D/A Conversion. High Speed Line Receiver. Microprocessor System Interfaces. Plasma Display Panel.
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
More results

Similar Description - TLP116

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
PLASMA DISPLAY PANEL DATA DRIVER
Jun-2000
logo
Vishay Siliconix
APD-240G064 VISHAY-APD-240G064 Datasheet
147Kb / 10P
Plasma Panel Display Modules
21-Dec-00
logo
Toshiba Semiconductor
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
Plasma Display Panel
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Vishay Siliconix
APD-128G064C VISHAY-APD-128G064C_V01 Datasheet
148Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-128G064D VISHAY-APD-128G064D_V01 Datasheet
59Kb / 3P
Plasma Panel Display Modules
05-Dec-00
APD-128G064E VISHAY-APD-128G064E Datasheet
194Kb / 9P
Plasma Panel Display Modules
17-Oct-07
APD-240G064 VISHAY-APD-240G064_V01 Datasheet
151Kb / 11P
Plasma Panel Display Modules
21-Dec-00
APD-256G064A VISHAY-APD-256G064A_V01 Datasheet
103Kb / 4P
Plasma Panel Display Module
09-Dec-03
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com