Electronic Components Datasheet Search
  English  ▼

X  

ES1 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ES1
Description  Super Fast Recovery Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ES1 Datasheet(HTML) 2 Page - YAGEO Corporation

  ES1 Datasheet HTML 1Page - YAGEO Corporation ES1 Datasheet HTML 2Page - YAGEO Corporation ES1 Datasheet HTML 3Page - YAGEO Corporation ES1 Datasheet HTML 4Page - YAGEO Corporation ES1 Datasheet HTML 5Page - YAGEO Corporation ES1 Datasheet HTML 6Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
6
Product Specification
ES1 SERIES
SUPER FAST RECOVERY RECTIFIER
Circuit Protection
www.yageo.com
Jul. 26, 2023 V.0
Super Fast Recovery Rectifier Data Sheet
Features
● Low profile package
● Ideal for automated placement
● Glass passivated chip junction
● High forward surge capability
● Super fast reverse recovery time trrmax.:35ns
● Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
Typical Applications
For use in high frequency rectification of power supplies,
inverters, converters, and freewheeling diodes for consumer
and telecommunication.
Mechanical Data
● Package: DO-214AC (SMA) Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant, halogen-free
● Terminals: Tin plated leads, solderable per J-STD-002 and JESD22-B102
● Polarity: Cathode line denotes the cathode end
Maximum Ratings (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOLS
ES1A
ES1B
ES1D
ES1G
ES1J
UNITS
Marking Code
/
ES1A
ES1B
ES1D
ES1G
ES1J
/
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRmS
35
70
140
280
420
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
V
Average rectified output current @ 60Hz
sine wave, Resistance load, TL (FIG.1)
IO
1.0
A
Forward Surge Current (Non-repetitive)
@60Hz Half-sine wave,1 cycle, Tj=25℃
IFSM
30
A
Forward Surge Current (Non-repetitive)
@1ms, square wave, 1 cycle, Tj=25℃
I2t
3.7
A2s
Typical Thermal Resistance
RθJ-A(1)
85
°C/W
Storage temperature
TStg
-55 ~ +150
℃
Junction temperature
Tj
-55 ~ +150
℃
Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Pin Configuration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com