Electronic Components Datasheet Search
  English  ▼

X  

TESDA24VB28P2CX Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDA24VB28P2CX
Description  Bi-directional ESD Protection Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDA24VB28P2CX Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDA24VB28P2CX Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TESDA24VB28P2CX Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TESDA24VB28P2CX
Taiwan Semiconductor
2
Version: A2503
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power (tp = 8/20us)
PPK
210
W
Peak pulse current (tp = 8/20us)
IPP
5
A
ESD according to IEC61000-4-2 air discharge
VESD
±30
kV
ESD according to IEC61000-4-2 contact discharge
±30
kV
Junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Reverse working voltage
VRWM
-
-
24
V
Reverse breakdown voltage
IR = 1mA, TJ = 25°C
VBR
24.7
-
32.9
V
Reverse leakage current
VRWM = 24V
IR
-
-
100
nA
Clamping voltage(1)
IPP = 1A, tp = 8/20us
VC
-
-
34
V
IPP = 5A, tp = 8/20us
-
-
42
V
Clamping voltage(2)
ITLP = 4A, tp = 100ns
VCL
-
33.4
-
V
ITLP = 16A, tp = 100ns
-
39.0
-
V
Junction capacitance
1MHz, VR = 0V
CJ
-
21
28
pF
Dynamic resistance(2)
RDYN
-
0.46
-
Ω
Notes:
1.
Non-repetitive current pulse, according to IEC61000-4-5.
2.
TLP parameter: Z0
= 50 Ω, tp = 100ns, tr = 2ns, averaging window from 60ns to 80ns. RDYN is calculated
from 4A to 16A.
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TESDA24VB28P2CX RFG
SOT-23
3,000 / 7" Tape & Reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com