Electronic Components Datasheet Search
  English  ▼

X  

TLP130 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP130
Description  Programmable Controllers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP130 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP130 Datasheet HTML 1Page - Toshiba Semiconductor TLP130 Datasheet HTML 2Page - Toshiba Semiconductor TLP130 Datasheet HTML 3Page - Toshiba Semiconductor TLP130 Datasheet HTML 4Page - Toshiba Semiconductor TLP130 Datasheet HTML 5Page - Toshiba Semiconductor TLP130 Datasheet HTML 6Page - Toshiba Semiconductor TLP130 Datasheet HTML 7Page - Toshiba Semiconductor TLP130 Datasheet HTML 8Page - Toshiba Semiconductor TLP130 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP130
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF(RMS)
50
mA
Forward current derating (Ta≥53°C)
ΔIF / °C
−0.7
mA / °C
Peak forward current (100μs pulse,100pps)
IFP
1
A
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
80
V
Collector
−base voltage
VCBO
80
V
Emitter
−collector voltage
VECO
7
V
Emitter
−base voltage
VEBO
7
V
Collector current
IC
50
mA
Peak collector current (10ms pulse,100pps)
ICP
100
mA
Power dissipation
PC
150
mW
Power dissipation derating (Ta≥25°C)
ΔPC / °C
−1.5
mW / °C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~100
°C
Lead soldering temperature (10s)
Tsol
260
°C
Total package power dissipation
PT
200
mW
Total package power dissipation derating (Ta≥25°C)
ΔPT / °C
−2.0
mW / °C
Isolation voltage (AC, 1min., RH ≤ 60%)
(Note 1)
BVS
3750
V r m s
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Device considered a two terminal device: Pins 1 and 3 shorted together and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
―
5
48
V
Forward current
IF(RMS)
―
16
25
mA
Collector current
IC
―
1
10
mA
Operating temperature
Topr
−25
―
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com