Electronic Components Datasheet Search
  English  ▼

X  

TLD42AH Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TLD42AH
Description  26V - 82V Surface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TLD42AH Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TLD42AH Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TLD42AH Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TLD42AH Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TLD42AH Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TLD42AH Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TLD42AH Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLD26AH
– TLD82AH
Taiwan Semiconductor
3
Version: C2408
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Peak Pulse Power Derating Curve
Fig.2 Non-Repetitive Peak Pulse Power vs. Pulse Time
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Junction Capacitance
Fig.5 Typical Transient Thermal Impedance
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
100
1000
10000
100000
1000000
1
10
100
1000
10000
TLD26AH
0.001
0.01
0.1
1
10
100
25
50
75
100
125
150
175
100
1000
10000
20
30
40
50
60
70
80
90
f=1.0MHz
Vsig=50mVp-p
Measured at zero bias
Measured at V
WM
0
0.1
0.2
0.3
0.4
0.00001
0.0001
0.001
0.01
0.1
1
PULSE TIME
(μs)
AMBIENT TEMPERATURE (°C)
PULSE DURATION (s)
REVERSE BREAKDOWN VOLTAGE (V)
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com