Electronic Components Datasheet Search
  English  ▼

X  

EXC24CE Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EXC24CE
Description  Common Mode Noise Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EXC24CE Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EXC24CE Datasheet HTML 1Page - Panasonic Semiconductor EXC24CE Datasheet HTML 2Page - Panasonic Semiconductor EXC24CE Datasheet HTML 3Page - Panasonic Semiconductor EXC24CE Datasheet HTML 4Page - Panasonic Semiconductor EXC24CE Datasheet HTML 5Page - Panasonic Semiconductor EXC24CE Datasheet HTML 6Page - Panasonic Semiconductor EXC24CE Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EXC24CE/CF type
● Category temperature range –40 ℃ to +85 ℃
● EXC24CE360UP
● EXC24CE900U
● EXC24CE121U
1.0
Ratings
Part number
Impedance (Ω) at 100 MHz
Rated voltage
(V) DC
Rated current
(mA) DC
DC resistance
(Ω) max.
Common mode
Differential mode
EXC24CE360UP
36 Ω ± 25 %
20 Ω max.
5
200
2.2
EXC24CE900U
90 Ω ± 25 %
15 Ω max.
5
160
1.75
EXC24CE121U
120 Ω ± 25 %
18 Ω max.
5
140
6.2
EXC24CE201U
200 Ω ± 25 %
20 Ω max.
5
130
2.7
EXC24CE331U
330 Ω ± 25 %
35 Ω max.
5
100
 Characteristics graph (Reference data)-1
EXC24CF900U
90 Ω ± 25 %
20 Ω max.
5
130
2.5
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
20-Jan-23
[ Impedance characteristics ]
[ Attenuation characteristics ]
[ Impedance characteristics ]
[ Attenuation characteristics ]
[ Impedance characteristics ]
[ Attenuation characteristics ]
-20
0
-5
1
10
100
1000
-10
10000
-15
-25
-30
1000
100
1
1
10
100
1000
10
10000
10000
0.1
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
-20
0
-5
1
10
100
1000
-10
10000
-15
-25
-30
1000
100
1
1
10
100
1000
10
10000
10000
0.1
-20
0
-5
1
10
100
1000
-10
10000
-15
-25
-30
1000
100
1
1
10
100
1000
10
10000
10000
0.1
Differential mode
Common mode
Differential mode (Sdd21)
Common mode (Scc21)
Differential mode
Common mode
Differential mode (Sdd21)
Common mode (Scc21)
Differential mode
Common mode
Differential mode (Sdd21)
Common mode (Scc21)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com