Electronic Components Datasheet Search
  English  ▼

X  

TLP131 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TLP131
Description  Photo−Transistor Office Machine
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP131 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TLP131 Datasheet HTML 1Page - Toshiba Semiconductor TLP131 Datasheet HTML 2Page - Toshiba Semiconductor TLP131 Datasheet HTML 3Page - Toshiba Semiconductor TLP131 Datasheet HTML 4Page - Toshiba Semiconductor TLP131 Datasheet HTML 5Page - Toshiba Semiconductor TLP131 Datasheet HTML 6Page - Toshiba Semiconductor TLP131 Datasheet HTML 7Page - Toshiba Semiconductor TLP131 Datasheet HTML 8Page - Toshiba Semiconductor TLP131 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLP131
2007-10-01
7
VCE(sat) – Ta
Ambient temperature Ta (℃)
0.24
0
−40
0.20
0.16
0.12
0.04
−20
0
20
40
60
100
80
0.08
IF = 5mA
Ic = 1mA
IC – Ta
Ambient temperature Ta (℃)
100
0.1
-20
50
30
10
5
0
20
40
60
80
100
3
1
0.3
0.5
10mA
5mA
0.5mA
1mA
VCE = 5V
IF = 25mA
10
1
10−
4
0
20
40
60
80
100
120
10
0
10−
1
10−
2
10−
3
ICEO – Ta
Ambient temperature Ta (℃)
5V
VCE = 48V
10V
24V
Switching Time – RL
Load resistance RL (kΩ)
1
1
30
300
100
50
3
10
30
50
100
5
3
5
10
tOFF
tON
Ta = 25℃
IF = 16mA
VCC = 5V
RBE = 220kΩ
ts



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com