Electronic Components Datasheet Search
  English  ▼

X  

TDC Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # TDC
Description  Conductive Polymer Tantalum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TDC Datasheet(HTML) 4 Page - Panasonic Semiconductor

  TDC Datasheet HTML 1Page - Panasonic Semiconductor TDC Datasheet HTML 2Page - Panasonic Semiconductor TDC Datasheet HTML 3Page - Panasonic Semiconductor TDC Datasheet HTML 4Page - Panasonic Semiconductor TDC Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Matters to Be Observed When Using This Product
■ This product (capacitor) is intended for standard general-purpose use in electronic equipment, and is not designed for
use in the specific environments described below. Using the product in such specific environments or service conditions,
therefore, may affect the performance of the product.
Please check with us about the performance and reliability of the product first before using the product.
(1) Used in liquid, such as water, oil, chemicals, and organic solvents.
(2) Used in a place exposed to direct sunlight, an outdoor place with no shielding, or a dusty place.
(3) Used in a wet place (dew concentration on a resistor, water leakage, etc.), a place exposed to sea breeze, or a place
filled with a corrosive gas, such as Cl2, H2S, NH3, SO2, or NOX.
(4) Used in an environment where static electricity and electromagnetic waves are strong.
(5) The product is located close to a heating component or a flammable material, such as a vinyl cable, is placed near
the product.
(6) The product is used sealed with a resin, etc.
(7) Solder flux of the soldered product is cleansed with a solvent, water, and a water-soluble cleaner.
(Be careful with water soluble solder flux.)
(8) Used in an environment where an acidic or alkali atmosphere is present.
(9) Used in an environment where excessive vibration or impact is applied to the product.
(10) Used under a low atmospheric pressure condition or depressurized condition.
■ When the capacitor is used in a circuit where an impact voltage is applied or a high voltage is applied in a short period
(transient phenomenon) or a high pulse voltage is applied, make sure to use the capacitor at a voltage equal to or
lower than its rated voltage.
■ A short mode is a major failure mode in a capacitor. A short mode is caused by thermal stress created by soldering or
a high service temperature, electric stress, mechanical stress, etc. When the capacitor has shorted, take the following
steps to ensure your safety.
(1) When you see smoke coming out of the shorted product, turn off the main power supply to stop using the capacitor.
Do not place your face or hand near to the smoldering capacitor.
(2) The time a shorted capacitor takes to generate smoke ranges from a few seconds to a few minutes, depending on
service conditions. If you incorporate a protective circuit, design the circuit to activate in the time preceding the smoke
generation.
(3) In case smoke gets into your eyes or comes into your mouth, wash the eyes with water or rinse out the mouth
immediately.
(4) When a current value after the short of the product is extremely large, the shorted capacitor may spark out, which,
in the worst scenario, may result in ignition. Ensure the safety of the circuit by, for example, giving it a redundant circuit
structure or providing it with a protective circuit.
The failure rate of the capacitor is specified based on 0.5%*/1000 h (reliability level 60%), a failure rate conforming to
JIS C 5003 (failure rate level). This indicates that the possibility of occurrence of a failure is by no means zero.
One of the failure modes is a wear out failure. This happens when the period of guaranteeing the durability and
high-temperature/high-humidity resistance of the capacitor is over, changes in the electrical characteristics of the
capacitor (product) get larger and its electrolyte gradually deteriorates into an insulating material to create an open mode.
Another failure mode is a random failure in which a short mode results mainly because of thermal, electrical,
or mechanical stress, etc.
* The failure rate of a small POSCAP of a B2 size or smaller is 1.0%.
30-Jun-23
 Use environments and cleaning conditions
 Response to anomalies and handling conditions
 Reliability and product life
Matters to Be Observed When Using This Product
(Conductive Polymer Tantalum Solid Capacitors / POSCAP)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com