Electronic Components Datasheet Search
  English  ▼

X  

TLP137 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP137
Description  Photo−Transistor Office Machine
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP137 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP137 Datasheet HTML 1Page - Toshiba Semiconductor TLP137 Datasheet HTML 2Page - Toshiba Semiconductor TLP137 Datasheet HTML 3Page - Toshiba Semiconductor TLP137 Datasheet HTML 4Page - Toshiba Semiconductor TLP137 Datasheet HTML 5Page - Toshiba Semiconductor TLP137 Datasheet HTML 6Page - Toshiba Semiconductor TLP137 Datasheet HTML 7Page - Toshiba Semiconductor TLP137 Datasheet HTML 8Page - Toshiba Semiconductor TLP137 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP137
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo
−Transistor
TLP137
Office Machine
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA mini flat coupler TLP137 is a small outline coupler,
suitable for surface mount assembly.
TLP137 consists of a gallium arsenide infrared emitting diode, optically
coupled to a photo transistor, and provides high CTR at low input
current.
TLP137 base terminal is for the improvement of speed, reduction of dark
current, and enable operation.
Collector−emitter voltage: 80V(min.)
Current transfer ratio: 100%(min.)
Rank BV: 200%(min.)
Isolation voltage: 3750Vrms(min.)
UL recognized: UL1577, file No. E67349
Current transfer ratio
Current Transfer Ratio (min.)
Ta = 25°C
Ta =
−25~75°C
Classi
−
fication
IF = 1mA
VCE = 0.5V
IF = 0.5mA
VCE = 1.5V
IF = 1mA
VCE = 0.5V
Marking
Of
Classi
−
fication
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV, Blank
(Note) Application type name for certification test,
please use standard product type name, i.e.
TLP137 (BV): TLP137
Pin Configurations (top view)
Unit in mm
TOSHIBA
11
−4C2
Weight: 0.09 g
1 : Anode
3 : Cathode
4 : Emitter
5 : Collector
6 : Base
1
3
6
4
5


Similar Part No. - TLP137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP137 TOSHIBA-TLP137 Datasheet
221Kb / 9P
Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results

Similar Description - TLP137

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP124 TOSHIBA-TLP124_07 Datasheet
182Kb / 8P
Photo−Transistor Office Machine
TLP126 TOSHIBA-TLP126_07 Datasheet
179Kb / 8P
Photo−Transistor Programmable Controllers
TLP127 TOSHIBA-TLP127_07 Datasheet
176Kb / 8P
Photo−Transistor Programmable Controllers
TLP131 TOSHIBA-TLP131_07 Datasheet
199Kb / 9P
Photo−Transistor Office Machine
TLP141G TOSHIBA-TLP141G_07 Datasheet
191Kb / 6P
Photo−Transistor Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
Office Machine Programmable Controllers Office Machine Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com