Electronic Components Datasheet Search
  English  ▼

X  

DS1517PLUS Datasheet(PDF) 3 Page - Synology Inc.

Part # DS1517PLUS
Description  DiskStation DS1517
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1517PLUS Datasheet(HTML) 3 Page - Synology Inc.

  DS1517PLUS Datasheet HTML 1Page - Synology Inc. DS1517PLUS Datasheet HTML 2Page - Synology Inc. DS1517PLUS Datasheet HTML 3Page - Synology Inc. DS1517PLUS Datasheet HTML 4Page - Synology Inc. DS1517PLUS Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Hardware Overview
Technical Specifications
Hardware
CPU
Intel Atom C2538 Quad Core 2.4GHz
Hardware encryption engine
Yes (AES-NI)
Memory
2 GB / 8 GB (4 GB x 2) DDR3 SO-DIMM (expandable up to 16 GB)
Compatible drive type
• 5 x 3.5" or 2.5" SATA SSD / HDD (drives not included)
• 2 x M.2 2280/2260/2242 SATA SSD3 (drives not included)
External ports
• 4 x USB 3.0 ports
• 2 x expansion ports
Size (HxWxD)
166 x 282 x 243 mm
Weight
5.2 kg
LAN
4 x 1GbE (RJ45)
Wake on LAN/WAN
Yes
PCIe 3.0 slot
• 1 x 8-lane x 8 slot
• 10GbE network interface cards support
• M.2 SATA and NVMe SSD adapter card support
Scheduled power on / off
Yes
System fan
2 (95 x 95 x 25 mm)
AC input power voltage
100V to 240V AC
Power frequency
50 / 60Hz, single phase
Operating temperature
5°C to 40°C (40°F to 104°F)
Storage temperature
-20°C to 60°C (-5°F to 140°F)
Relative humidity
5% to 95% RH
Maximum operating altitude
3,048 m (10,000 ft)
1
Status indicator
2
Alert indicator
3
Power button
4
LAN indicator
5
Drive status indicator
6
Drive tray
7
USB 3.0 port
8
Power port
9
Kensington Security Slot
10
eSATA port
11
1GbE RJ-45 port
12
RESET button
13
USB 3.0 port
14
Fan
15
PCIe expansion slot
Front
Rear
1
6
5
11
2
3
4
13
12
10
10
15
8
14
9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com