Electronic Components Datasheet Search
  English  ▼

X  

DS1618PLUS Datasheet(PDF) 4 Page - Synology Inc.

Part # DS1618PLUS
Description  DiskStation DS1618
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1618PLUS Datasheet(HTML) 4 Page - Synology Inc.

  DS1618PLUS Datasheet HTML 1Page - Synology Inc. DS1618PLUS Datasheet HTML 2Page - Synology Inc. DS1618PLUS Datasheet HTML 3Page - Synology Inc. DS1618PLUS Datasheet HTML 4Page - Synology Inc. DS1618PLUS Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
General DSM Specification
Networking protocol
SMB, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN ™, L2TP)
File system
• Internal: Btrfs, ext4
• External: Btrfs, ext4, ext3, FAT, NTFS, HFS+, exFAT6
Supported RAID type
Synology Hybrid RAID (SHR), Basic, JBOD, RAID 0, RAID 1, RAID 5, RAID 6, RAID 10
Storage management
• Maximum single volume size: 108 TB
• Maximum of system snapshots: 65,5367
• Maximum internal volumes: 512
• Maximum iSCSI targets: 32
• Maximum iSCSI LUNs: 256
• iSCSI LUN clone/snapshot support
SSD cache
• Read-write cache support
• M.2 SSD support
File sharing capability
• Maximum local user accounts: 2,048
• Maximum local groups: 256
• Maximum shared folders: 512
• Maximum concurrent SMB/NFS/AFP/FTP connections: 1,000
Privilege
Windows Access Control List (ACL), application privilege
Directory service
Windows
® AD integration: Domain users login via SMB/NFS/AFP/FTP/File Station, LDAP integration
Virtualization
VMware vSphere® 6.5, Microsoft Hyper-V®, Citrix®, OpenStack®
Security
Firewall, encrypted shared folder, SMB encryption, FTP over SSL/TLS, SFTP, rsync over SSH, login auto block, Let's Encrypt support, HTTPS
(Customizable cipher suite)
Supported client
Windows 7 and 10, Mac OS X
® 10.11 onwards
Supported browser
Chrome®, Firefox®, Internet Explorer® 10 onwards, Safari® 10 onwards; Safari (iOS 10 onwards), Chrome (Android™ 6.0 onwards)
Interface Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
ภาษาไทย,
Packages and Applications
File Station
Virtual drive, remote folder, Windows ACL editor, compressing/extracting archived files, bandwidth control for specific users or groups,
creating sharing links, transfer logs
FTP Server
Bandwidth control for TCP connections, custom FTP passive port range, anonymous FTP, FTP SSL/TLS and SFTP protocol, boot over the
network with TFTP and PXE support, transfer logs
Universal Search
Offer global search into applications and files
Hyper Backup
Support local backup, network backup, and backup data to public clouds
Active Backup for Server
Centralize data backup for Windows and Linux servers without client installation
Backup tools
DSM configuration backup, macOS Time Machine support, Cloud Station Backup
Shared folder sync - maximum tasks: 8
Cloud Station Suite
Sync data between multiple platforms by installing the client utilities on Windows, Mac, Linux, Android and iOS devices, while retaining up to
32 historical versions of files
Maximum concurrent file transfers: 1,000
Drive
• Maximum Number of Synced Files: 1,000,000 / single file reaction time 437 ms
• Maximum Number of Concurrent Connections for PC Clients: 550
Cloud Sync
One or two-way synchronization with public cloud storage providers including Amazon Drive, Amazon S3-compatible storage, Baidu cloud,
Box, Dropbox, Google Cloud Storage, Google Drive, hubiC, MegaDisk, Microsoft OneDrive, OpenStack Swift-compatible storage, WebDAV
servers, Yandex Disk
Surveillance Station
Maximum IP cameras: 40 (total of 1,200 FPS at 720p, H.264) (includes two free camera licenses; additional cameras require the purchasing of
additional licenses)
Virtual Machine Manager
Deploy and run various virtual machines on Synology NAS, including Windows, Linux, or Virtual DSM
High Availability Manager
Reduce service downtime by setting up two identical NAS into one high-availability cluster
Snapshot Replication
• Maximum shared folder snapshots: 1,024
• Maximum replications: 32
Synology Directory Server
A flexible and cost-effective domain controller solution
VPN Server
Maximum connections: 20, supported VPN protocol: PPTP, OpenVPN™, L2TP/IPSec
MailPlus Server
Secure, reliable, and private mail solution with high-availability, load balancing, security and filtering design (Includes 5 free email account
licenses; additional accounts require the purchasing of additional licenses)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com