Electronic Components Datasheet Search
  English  ▼

X  

DS1815PLUS Datasheet(PDF) 3 Page - Synology Inc.

Part # DS1815PLUS
Description  DiskStation DS1815
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1815PLUS Datasheet(HTML) 3 Page - Synology Inc.

  DS1815PLUS Datasheet HTML 1Page - Synology Inc. DS1815PLUS Datasheet HTML 2Page - Synology Inc. DS1815PLUS Datasheet HTML 3Page - Synology Inc. DS1815PLUS Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU
Intel Atom C2538 Quad Core 2.4GHz
Hardware Encryption Engine
Yes (AES-NI)
Floating Point
Yes
RAM Size
DDR3 2 GB (Expandable up to 6 GB)
Internal HDD/SSD
3.5” or 2.5” SATA(II) X 8 (hard drives not included)
Max Internal Capacity
48 TB (6 TB HDD X 8) (The actual capacity will differ according to volume types)
Hot Swappable HDD
Yes
External Ports
USB 3.0 ports X 4, eSATA X 2
Size (HxWxD)
157 x 340 x 233 mm
Weight
5.29 kg
LAN
Gigabit X 4
Wake on LAN/WAN
Yes
Wireless Support
Yes (wireless dongles not included)
AC Input Power Voltage
100V to 240V
Power Frequency
50 Hz to 60 Hz, Single Phase
Operating Temperature
5°C to 35°C (40°F to 95°F)
Storage Temperature
-20°C to 60°C (-5°F to 140°F)
Relative Humidity
5% to 95% RH
General
Networking Protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN™, L2TP)
File System
Internal: EXT4
External: EXT4, EXT3, FAT, NTFS, HFS+
Storage Management
Max File System Size: 108 TB, Max Internal Volume #: 512, Max iSCSI Target #: 32, Max iSCSI LUN#: 256;
Raid Clone/Snapshot support; Supported RAID Type: Synology Hybrid RAID, Basic, JBOD, RAID 0, RAID 1,
RAID 5, RAID 6, RAID 10; Synology Expansion Unit Support : DX513, DX213
File Sharing Capability
Max User Account: 2048, Max Group: 256, Max Shared Folder: 512, Max Concurrent CIFS/AFP/FTP
Connections: 512
Privilege
Windows Access Control List (ACL)
Directory Service
Windows AD Integration: Domain Users login via Samba (CIFS)/AFP/FTP/File Station, LDAP Integration
Virtualization
VMware vSphere 5, Microsoft Hyper-V, Citrix Ready
Security
FTP over SSL/TLS, IP Auto-Block, Firewall, Encrypted Network Backup over Rsync, HTTPS Connection
Utilities
Synology Assistant, Cloud Station, Evidence Integrity Authenticator
Supported Clients
Windows XP onward, Mac OS X 10.5 onward, Ubuntu 9.04 onward
Supported Browsers
Chrome®, Firefox® Internet Explorer®: 8 or onward, Safari® 5 or onward, Safari (iOS 5 or later on iPad®),
Chrome (Android™ 4.0 on tablets)
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Connections & Buttons
Power
LED Indicators
LED Indicators
Hard Drive Trays
Tray Locks
LAN Ports
RESET
Fan
USB 3.0
Ports
Power Port
eSATA Ports



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com