Electronic Components Datasheet Search
  English  ▼

X  

DS1817PLUS Datasheet(PDF) 2 Page - Synology Inc.

Part # DS1817PLUS
Description  DiskStation DS1817
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS1817PLUS Datasheet(HTML) 2 Page - Synology Inc.

  DS1817PLUS Datasheet HTML 1Page - Synology Inc. DS1817PLUS Datasheet HTML 2Page - Synology Inc. DS1817PLUS Datasheet HTML 3Page - Synology Inc. DS1817PLUS Datasheet HTML 4Page - Synology Inc. DS1817PLUS Datasheet HTML 5Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Virtualization Ready
DS1817+ provides seamless storage solutions for virtualization environments,
including VMware, Citrix, Hyper-V, and OpenStack. With VMware vSphere 6 and
VAAI integration certified, DS1817+ helps offload specific storage operations and
optimizes computation power for unparalleled performance and efficiency in VMware
environments. As the centralized storage of a virtual environment, DS1817+ enables
virtual machine migration, allowing movement from server to server whilst eliminating
service downtime and disruption to users. Windows Offloaded Data Transfer (ODX)
and Synology Advanced LUN support greatly improve the efficiency of massive data
transfer and migration. With OpenStack support, DS1817+ can be used as a block-based
storage component for servers complying with the Cinder API.
Comprehensive Business Applications
Powered by the innovative Synology DiskStation Manager (DSM), DS1817+ comes
fully-equipped with applications and features designed specifically for large-scale
business:
• Windows® AD and LDAP support allow easy integration with existing business directory
services without recreating user accounts.
• Windows ACL support provides fine-grained access control and efficient privilege
settings, allowing DS1817+ to fit seamlessly into current infrastructure.
• Application privileges control access to applications and packages based on each
individual account, user group, or IP address.
• MailPlus allows your business to set up a secure, reliable, and private mail server while
giving your employees a modern mail client for receiving and sending messages
• Powerful collaboration suite with Synology Office, Calendar and Chat for secure
and high-performance private communications and content organization that your
organization can easily manage and control.
Robust Scalability
Management of the storage space on DS1817+ is simple and flexible. Multiple Volumes
on RAID allows you to create more than one volume on a RAID structure, providing a
flexible and efficient way to manage your storage across all available hard drives. When
the need for more space arises, the volume can be easily expanded without any service
disruption. DS1817+ provides the ability to seamlessly expand a single volume up to 108
TB on the fly. When the storage capacity of DS1817+ nears its limit, expansion is easily
accomplished with up to two Synology Expansion Unit DX517 to support up to 18
SATA drives.
Reliability & Availability
System reliability is of paramount importance to businesses which depend upon their
commercial servers every day. DS1817+ responds to these concerns with wide-ranging
availability and redundancy features:
• Synology High Availability ensures seamless transition between clustered servers in
the event of server failure with minimal impact on applications.
• Redundant system fans and network ports with failover support ensure continual
service uptime.
• Optional 5-year warranty5 is available in select regions.
Virtualization Ready
Synology DS1817+ is an optimized
and certified storage solution for a
various virtualization environments.
Synology Collaboration Suite
Powerful and secure private cloud
solution for business collaboration
and organization with simple but
effective management options.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com