Electronic Components Datasheet Search
  English  ▼

X  

TLP166J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP166J
Description  Photocoupler GaAs Ired Photo−Triac
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP166J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP166J Datasheet HTML 1Page - Toshiba Semiconductor TLP166J Datasheet HTML 2Page - Toshiba Semiconductor TLP166J Datasheet HTML 3Page - Toshiba Semiconductor TLP166J Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLP166J
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
1.0
1.15
1.3
V
Reverse current
IR
VR=5 V
―
―
10
μA
Capacitance
CT
V=0, f=1MHz
―
30
―
pF
Peak off
−state current
IDRM
VDRM=600V
―
30
1000
nA
Peak on
−state voltage
VTM
ITM=70mA
―
1.7
2.8
V
Holding current
IH
―
―
0.6
―
mA
Critical rate of rise
of off
−state voltage
dv / dt
Vin=240Vrms, Ta=85°C
(Note 3)
200
500
―
V / μs
Critical rate of rise
of commutating voltage
dv / dt(c)
IT=15mA, Vin=60Vrms
(Note 3)
―
0.2
―
V / μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT=6V
―
―
10
mA
Inhibit voltage
VIH
IF=rated IFT
―
―
50
V
Leakage in inhibited state
IIH
IF=rated IFT
VT=rated VDRM
―
―
600
μA
Capacitance input to output
CS
VS=0, f=1MHz
―
0.8
―
pF
Isolation resistance
RS
VS=500V, R.H.≤ 60%
1×10
12
10
14
―
Ω
AC, 1 minute
2500
―
―
AC, 1 second, in oil
―
5000
―
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
―
5000
―
Vdc
(Note 3): dv / dt Test circuit
VCC
+
Vin
1
3
6
4
RL
4kΩ
Rin
120Ω
-
5V, VCC
0V
dv / dt (c)
dv / dt



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com