Electronic Components Datasheet Search
  English  ▼

X  

TLP176D Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP176D
Description  Photocoupler GaAs IRED & Photo-MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP176D Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP176D Datasheet HTML 1Page - Toshiba Semiconductor TLP176D Datasheet HTML 2Page - Toshiba Semiconductor TLP176D Datasheet HTML 3Page - Toshiba Semiconductor TLP176D Datasheet HTML 4Page - Toshiba Semiconductor TLP176D Datasheet HTML 5Page - Toshiba Semiconductor TLP176D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP176D
2007-10-01
1
TOSHIBA Photocoupler GaAs IRED & Photo-MOSFET
TLP176D
Modem in PC
Modem
⋅ Fax Card
Telecommunication
The TOSHIBA TLP176D consists of gallium arsenide infrared emitting
diode optically coupled to a photo-MOSFET in a SOP, which is suitable for
surface mount assembly.
The TLP176D is suitable for modem and PBX applications which require
space savings.
• SOP 4 pin (2.54SOP4): 1-form-A
• Peak off-state voltage: 200 V (min)
• Trigger LED current: 3 mA (max)
• On-state current: 200 mA (max)
• On-state resistance: 8 Ω (max)
• Isolation voltage: 1500 Vrms (min)
• UL recognized: UL1577, file No. E67349
Pin Configuration (top view)
Internal Circuit
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
Weight: 0.1 g (typ.)
1
2
4
3
1
2
4
3
1: Anode
2: Cathode
3: Drain
4: Drain
12
43
1-form A


Similar Part No. - TLP176D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176D TOSHIBA-TLP176D Datasheet
252Kb / 6P
THOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-MOS FET
More results

Similar Description - TLP176D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
12-Mar-2003
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
25-Sep-2002
TLP3110 TOSHIBA-TLP3110 Datasheet
204Kb / 5P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
Photocoupler GaAs Ired & Photo-Triac
TLP176G TOSHIBA-TLP176G_07 Datasheet
189Kb / 7P
Photocoupler GaAs Ired & Photo−MOSFET
logo
Guangdong Youtai Semico...
TLP785GB-S UMW-TLP785GB-S Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
TLP785GB UMW-TLP785GB Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com