Electronic Components Datasheet Search
  English  ▼

X  

MCP73837 Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP73837
Description  Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73837 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP73837 Datasheet HTML 10Page - Microchip Technology MCP73837 Datasheet HTML 11Page - Microchip Technology MCP73837 Datasheet HTML 12Page - Microchip Technology MCP73837 Datasheet HTML 13Page - Microchip Technology MCP73837 Datasheet HTML 14Page - Microchip Technology MCP73837 Datasheet HTML 15Page - Microchip Technology MCP73837 Datasheet HTML 16Page - Microchip Technology MCP73837 Datasheet HTML 17Page - Microchip Technology MCP73837 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP73837/8
DS22071A-page 14
© 2007 Microchip Technology Inc.
3.8
USB-Port Current Regulation Set
(PROG2)
The MCP73837/8 USB-Port current regulation set
input (PROG2) is a digital input selection. A logic Low
selects a 1 unit load charge current; a logic High selects
a 5 unit loads charge current.
PROG2 also functions as the set point of precondition
and termination when USB-Port is present. When
PROG2 is floating, the MCP73837/8 enters in stand-by
mode.
3.9
Power Good (PG)
Power Good (PG) is available only on MCP73837. PG
is an open-drain logic output for connection to a LED
for input power supply indication. Alternatively, a pull-
up resistor can be applied for interfacing to a host
microcontroller.
3.10
Timer Enable (TE)
Timer Enable (TE) is available only on MCP73838.
(TE) enables the built-in safety timer when pull low and
disables the built-in safety timer when pull high.
Note:
The built-in safety timer is available for both
MCP73837 and MCP73838 in the following
options: Disable, 4 HR, 6 HR, and 8 HR.
3.11
Battery Temperature Monitor
(THERM)
MCP73837/8 continuously monitors the battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for the most
common
10 k
Ω negative-temperature coefficient
thermistors (NTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com