Electronic Components Datasheet Search
  English  ▼

X  

NP36P06SLG Datasheet(PDF) 3 Page - NEC

Part # NP36P06SLG
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING P-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP36P06SLG Datasheet(HTML) 3 Page - NEC

  NP36P06SLG Datasheet HTML 1Page - NEC NP36P06SLG Datasheet HTML 2Page - NEC NP36P06SLG Datasheet HTML 3Page - NEC NP36P06SLG Datasheet HTML 4Page - NEC NP36P06SLG Datasheet HTML 5Page - NEC NP36P06SLG Datasheet HTML 6Page - NEC NP36P06SLG Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet D18008EJ5V0DS
3
NP36P06SLG
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TC - Case Temperature -
°C
0
10
20
30
40
50
60
70
80
0
25
50
75
100 125 150 175
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
ID(pulse)
ID(DC)
TC = 25
°C
Single pulse
DC
PW
= 1i0
0 μ
s
RD
S(
on
) L
im
ite
d
(V
GS
= −
1i0
V)
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Rth(ch-A) = 125°C/W
Rth(ch-C) = 2.68°C/W
Single pulse
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000
<R>



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com