Electronic Components Datasheet Search
  English  ▼

X  

SCM330 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # SCM330
Description  SMARC Module with Intel® Core™/Pentium®/Celeron® or Intel Atom® Processors x7000 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SCM330 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  SCM330 Datasheet HTML 1Page - Axiomtek Co., Ltd. SCM330 Datasheet HTML 2Page - Axiomtek Co., Ltd. SCM330 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Block Digram
SPI ROM
BOM
Optional
BOM
Optional
BOM
Optional
Intel® Alder
Lake-N &
Amston Lane
Processor
(9 to 12W)
ADLN
2 x SODIMM
1 x DDI
1 x TCP
1 x eDP
1 x HDA
1x SATA III
4 x PCIE III (Optional)
2 x USB 3.2 GEN1
6 x USB 2.0
1 x SPI
1 x eSPI
DDIA_eDP (0 - 1)
Display Spec.
HDMI 2.0: 4096 x 2160@60Hz
DP 1.4a UHBR10: 4096 x 2304@60Hz
eDP 1.4b HBR3: 4096 x 2304@60Hz
LPDDR5 x 32-4800MT/s
Channel A
CAN BUS Port 1 to 2
PCIE3.0 x3 (PCIE9-11)
Intel® CPU
SMARC Connector
SMARC ver. 2.2
Max: PCIe x4 Device
BOM
Optional
I2C
UART x 2 (UART 2 TX/RX/CTS/RTS & UART3 Tx/Rx)
eDP to
LVDS
LVDS Channel B (default)
LVDS Channel A
SPI
DDIA_eDP (2 - 3) eDP 1.4
CH7513/
7511B
EC
IT5571
eMMc
Transcend 64GB/128GB
LPDDR5 4800MHz CH-A
Memory Down
LPDDR5 4800MHz CH-B
Memory Down
LPDDR5 x 32 4800MT/s
Channel B
DDIA_eDP
LVDS
DDIB (0 - 3) DP 1.2/HDMI 2.0
TCP0 (0 - 3) DP 1.2/HDMI 2.0
eDP/LVDS
DDIB
TCP0
PCIE3.0 x1 (PCIE2)
LAN
I226-V
LAN
I226-V
PCIE3.0 x1 (PCIE7)
LAN1 MDI x 4
BOM Optional For CS0 From MB or CB
SPI
GSPI
ACPI/BOOT SEL/PCIE_RST_LID/USB VBUS DET
I2C_PM
I2C_MDIO
UART 1 & 4
GBE0
GBE1
HDA
GPIO 0 to 13
FAN
PWM/IN
14 GPIO
SATA/PCIE BOM Optional Default : SATA
SMBUS
SML 1
eSPI 1
eSPI1
UART 2 & 3
UART 1 & 4
LAN2 MDI x 4
I2C0
I2C1
I2C_CAM0
I2C_CAM1
I2S0
I2S1
HDA
I2C_GP
I2C2
PCIE A to C
SATA
USB3.21 to 2
PCIE D
LVDS_I2C
BOM Optional
SATA/PCIE3.0 x1 (PCIE12)
USB 3.2 x 2 (PCIE2-3)
USB 2.0 x 6 (USB 2_P1 to USB 2_P5)
USB2.00 to 5
CAN BUS 1 to 2
10-pin (5A Per pin)
eSPI 0
USB 2.0 x 1 (USB 2_P6)
eSPI 0
GSPI
F81604
USB 2.0 To CAN
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Feb. 26, 2025.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com