Electronic Components Datasheet Search
  English  ▼

X  

LT1965 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1965
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 4 Page - Linear Technology

  LT1965 Datasheet HTML 1Page - Linear Technology LT1965 Datasheet HTML 2Page - Linear Technology LT1965 Datasheet HTML 3Page - Linear Technology LT1965 Datasheet HTML 4Page - Linear Technology LT1965 Datasheet HTML 5Page - Linear Technology LT1965 Datasheet HTML 6Page - Linear Technology LT1965 Datasheet HTML 7Page - Linear Technology LT1965 Datasheet HTML 8Page - Linear Technology LT1965 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1965
4
1965f
OUTPUT CURRENT (A)
0
0
100
200
300
0.2
0.4
0.6
0.8
1
400
500
50
150
250
350
450
1.2
1965 G01
TJ = 125°C
TJ = 25°C
OUTPUT CURRENT (A)
0
0
100
200
300
0.2
0.4
0.6
0.8
1
400
500
50
150
250
350
450
1.2
1965 G02
= TEST POINTS
TJ = 125°C
TJ = 25°C
0
100
200
300
400
500
50
150
250
350
450
1965 G03
IL = 1.1A
IL = 500mA
IL = 100mA
IL = 1mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
1965 G04
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VIN = 6V
RL =
∞, IL = 0
VSHDN = VIN
1.182
1.190
1.198
1.206
1.218
1.186
1.194
1.202
1.210
1.214
1965 G05
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
IL = 1mA
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
1965 G06
INPUT VOLTAGE (V)
016
4
8
12
20
14
2
6
10
18
TJ = 25°C
RL = 4.02k
VSHDN = VIN
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
ADJ Pin Voltage
Quiescent Current
ELECTRICAL CHARACTERISTICS
Note 9: ADJ pin bias current flows into the ADJ pin.
Note 10: ⎯S⎯H⎯D⎯N pin current flows into the ⎯S⎯H⎯D⎯N pin.
Note 11: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out of the GND pin.
Note 12: For the LT1965, the minimum input voltage specification limits
the dropout voltage under some output voltage/load conditions.
Note 13: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com